Electronic Components Datasheet Search
  English  ▼

X  

KITLMF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # KITLMF
Description  Conductive Plastic Motion Transducer Elements (KIT), up to 1000 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KITLMF Datasheet(HTML) 1 Page - Vishay Siliconix

  KITLMF Datasheet HTML 1Page - Vishay Siliconix KITLMF Datasheet HTML 2Page - Vishay Siliconix KITLMF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series KIT LMF
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
1
Document Number: 54009
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Conductive Plastic Motion Transducer Elements (KIT),
up to 1000 mm
The LMF is a reduced bulk, precision motion transducer,
designed for easy integration into equipment.
FEATURES
• Measurement range 25 mm to 1000 mm
• High accuracy ± 1 % down to ± 0.025 %
• Good repeatability
• Simple and flexible mounting
• Essentially infinite resolution
Made in two separate parts:
- the sensing element
- the wiper
Special designs available on request
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
QUICK REFERENCE DATA
Sensor type
LINEAR, conductive plastic
Output type
Solder pads
Market appliance
Industrial
Dimensions
L x 15 mm x 1.6 mm (with L = TET + 18 mm)
ELECTRICAL SPECIFICATIONS
Theoretical electrical angle (TEA = E)
From 25 mm to 1000 mm in increments of 25 mm
Independent linearity (over TET)
 ± 1 %;  ± 0.1 %
On request
 ± 0.05 % for E 100 mm
 ± 0.025 % for E  200 mm
Actual electrical travel (AET)
AET = TET + 2 mm
Ohmic value
From 400
/cm to 2 k/cm
Resistance tolerance at 20 °C
± 20 %
Repeatability
 0.01 %
Maximum power rating
0.05 W/cm at 40 °C
0 W at 85 °C
Wiper current
Recommended: a few μA - 1 mA max. (continuous)
Load resistance
Minimum 103 x RT
Insulation resistance
 1000 M, 500 V
DC
Dielectric strength
 750 V
RMS, 50 Hz
MECHANICAL SPECIFICATIONS
Support of element
On request
Fiberglass epoxy
Plastic moulding
Wiper (non insulated)
On request
Precious metal multifinger
Insulated
Terminals
On request
Soldering pads
By wires
Fixing
On request
Glued: Double face Isotac
Screwed: Holes in the support
PERFORMANCE
Operating life
25 million cycles typical/1 Hz/T° = 20 °C ± 5 °C/80 % TET
Temperature range
-55 °C to +125 °C


Similar Part No. - KITLMF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KITLMF VISHAY-KITLMF Datasheet
200Kb / 4P
Conductive Plastic Motion Transducer Elements (KIT), Up to 1000 mm
30-Aug-2022
KITLMF3MA103W2851E. VISHAY-KITLMF3MA103W2851E. Datasheet
200Kb / 4P
Conductive Plastic Motion Transducer Elements (KIT), Up to 1000 mm
30-Aug-2022
KITLMF3MA103WXXXXE. VISHAY-KITLMF3MA103WXXXXE. Datasheet
200Kb / 4P
Conductive Plastic Motion Transducer Elements (KIT), Up to 1000 mm
30-Aug-2022
KITLMF3MB103W2851E. VISHAY-KITLMF3MB103W2851E. Datasheet
200Kb / 4P
Conductive Plastic Motion Transducer Elements (KIT), Up to 1000 mm
30-Aug-2022
KITLMF3MB103WXXXXE. VISHAY-KITLMF3MB103WXXXXE. Datasheet
200Kb / 4P
Conductive Plastic Motion Transducer Elements (KIT), Up to 1000 mm
30-Aug-2022
More results

Similar Description - KITLMF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KITRMF VISHAY-KITRMF Datasheet
186Kb / 3P
Conductive Plastic Rotative Transducer Elements (KIT)
01-Feb-08
KITRMF VISHAY-KITRMF_15 Datasheet
205Kb / 3P
Conductive Plastic Rotative Transducer Elements (KIT)
26-Mar-15
P11S VISHAY-P11S_17 Datasheet
256Kb / 15P
12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
20-Jul-17
KITLMF VISHAY-KITLMF_V01 Datasheet
200Kb / 4P
Conductive Plastic Motion Transducer Elements (KIT), Up to 1000 mm
30-Aug-2022
KITRMF VISHAY-KITRMF_V01 Datasheet
202Kb / 3P
Conductive Plastic Rotative Transducer Elements (KIT)
26-Mar-15
REC110L VISHAY-REC110L_V01 Datasheet
412Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L_V01 Datasheet
115Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mms
18-Feb-2019
REC34L VISHAY-REC34L_V01 Datasheet
394Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC38L VISHAY-REC38L_V01 Datasheet
71Kb / 3P
Precision Linear Transducers, Conductive Plastic, Up to 150 mm
19-Mar-2021
REC50L VISHAY-REC50L_V01 Datasheet
86Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com