Electronic Components Datasheet Search
  English  ▼

X  

P22S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P22S
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P22S Datasheet(HTML) 1 Page - Vishay Siliconix

  P22S Datasheet HTML 1Page - Vishay Siliconix P22S Datasheet HTML 2Page - Vishay Siliconix P22S Datasheet HTML 3Page - Vishay Siliconix P22S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P22S
www.vishay.com
Vishay MCB
Revision: 06-Oct-16
1
Document Number: 32512
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Single-Turn Continuous Rotation Analog Displacement Sensors
FEATURES
• Conductive plastic potentiometer technology,
infinite resolution
• Metal housing (SS and SR)
• Stainless steel shaft
• Precious metal contacts
• Soldering terminal outputs
• Applicable standards: NFC 93255, MIL R 39023
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, conductive plastic
Output type
Output by turrets
Market appliance
Industrial
Dimensions
7/8" (22.2 mm)
ELECTRICAL SPECIFICATIONS
PARAMETER
P22SBS
P22SSS
P22SSR
Theoretical electrical travel
340° ± 3°
Independent linearity standard
± 2.0 %
± 2.0 %
± 1.0 %
Independent linearity optional
± 1 %
± 1 %
± 0.5 %
Total resistance range (Rn)4.7 k or 10 k (1 k on request)
Tolerance on Rn
± 20 %
Output smoothness
 0.1 %
Power rating at 70 °C
1 W (see “Power Rating Chart”)
Temperature coefficient
-300 ± 300 ppm/°C
Wiper current
 1 mA
Recommended load impedance
 100 R
n
Insulation resistance
 1 G at 500 V
DC
Dielectric strength
750 VRMS, 50 Hz, 1 min
MECHANICAL SPECIFICATIONS
PARAMETER
P22SBS
P22SSS
P22SSR
Mechanical rotation
360° continuous
Moment of inertia
1 g cm2
Mounting
Bushing
Servo
Servo
Shaft guiding
Sleeve bearings
Sleeve bearings
Precision ball bearings
Running and starting torque
 0.5 N cm
 0.5 N cm
 0.1 N cm
Panel tightening torque
 250 N cm
-
-
Protection class
IP 50
Weight
< 16 g
< 13 g
< 13 g
PERFORMANCE
PARAMETER
P22SBS
P22SSS
P22SSR
Operating temperature range
-55 °C to +125 °C
Life
5M cycles
10M cycles
20M cycles
Rotation speed (max.)
400 rpm
400 rpm
600 rpm


Similar Part No. - P22S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P22S VISHAY-P22S Datasheet
93Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
P22S VISHAY-P22S_V01 Datasheet
93Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
More results

Similar Description - P22S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
POHR36 VISHAY-POHR36 Datasheet
262Kb / 11P
Single-Turn Continuous Rotation Analog Displacement Sensor
02-Mar-17
POTH12 VISHAY-POTH12 Datasheet
299Kb / 14P
Single-Turn Continuous Rotation Analog Displacement Sensors
16-Nov-17
PP22B VISHAY-PP22B Datasheet
112Kb / 5P
Single-Turn Continuous Rotation Analog Displacement Sensors
14-Oct-16
P22S VISHAY-P22S_V01 Datasheet
93Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
POHR36 VISHAY-POHR36_V01 Datasheet
266Kb / 11P
Single-Turn Continuous Rotation Analog Displacement Sensors
08-Mar-2019
POPR27 VISHAY-POPR27_V01 Datasheet
160Kb / 7P
Single-Turn Continuous Rotation Analog Displacement Sensors
11-May-2022
POTH12 VISHAY-POTH12_V01 Datasheet
297Kb / 14P
Single-Turn Continuous Rotation Analog Displacement Sensors
25-Aug-2022
PP12SR VISHAY-PP12SR_V01 Datasheet
84Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Jul-2021
PP22B VISHAY-PP22B_V01 Datasheet
109Kb / 5P
Single-Turn Continuous Rotation Analog Displacement Sensors
14-Oct-16
PP36 VISHAY-PP36_V01 Datasheet
88Kb / 3P
Single-Turn Continuous Rotation Analog Displacement Sensors
25-Jan-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com