Electronic Components Datasheet Search
  English  ▼

X  

PORH12 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PORH12
Description  Analog Rectilinear Displacement Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PORH12 Datasheet(HTML) 4 Page - Vishay Siliconix

  PORH12 Datasheet HTML 1Page - Vishay Siliconix PORH12 Datasheet HTML 2Page - Vishay Siliconix PORH12 Datasheet HTML 3Page - Vishay Siliconix PORH12 Datasheet HTML 4Page - Vishay Siliconix PORH12 Datasheet HTML 5Page - Vishay Siliconix PORH12 Datasheet HTML 6Page - Vishay Siliconix PORH12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PORH12, PORH9.5, PORR12
www.vishay.com
Vishay MCB
Revision: 01-Mar-17
4
Document Number: 32525
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
• Electrical bonding:
 0.05 
• Electrical output by connector:
plug Socapex: JT 06 RT 835 P023 (or equivalent) with cable length 300 mm, 500 mm, or 750 mm
• Specific design to support temperature pic of 200 °C
• Other length of shaft: 12 mm (pushed shaft)
• Guided shaft
• Probe with return spring and tip on request
• Other design including diameter 9.5 mm: version RH9.5
• Specific reinforced version for hard environment conditions (vibrations, shocks, temperature): version RR12
• Other wire lengths: 330 mm; 355 mm; 380 mm, and 1 m
• Temperature coefficient: -200 ppm/°C ± 200 ppm/°C (in function of ohmic value)
• Smaller length: 5 mm; 10 mm; 15 mm; 17 mm (UET = 16 mm)
• Option RH12050 with front pivot and rear pivot
DIMENSIONS in millimeters
Plug Socapex: JT 06 RT 835 P023
520 mm with ref.A
A
20°
20°
106.5
40
50 (mechanical travel)
3
: cable shielding
1
2
3
4
5 6
V
S = 0 V
V
S = max.
172.25 at U/2
Cable with wires AWG26
5
2
1
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com