Electronic Components Datasheet Search
  English  ▼

X  

KITRMF116D103 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # KITRMF116D103
Description  Conductive Plastic Rotative Transducer Elements (KIT)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KITRMF116D103 Datasheet(HTML) 2 Page - Vishay Siliconix

  KITRMF116D103 Datasheet HTML 1Page - Vishay Siliconix KITRMF116D103 Datasheet HTML 2Page - Vishay Siliconix KITRMF116D103 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series KIT RMF
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
2
Document Number: 54003
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EXAMPLES OF SPECIAL DESIGNS
ORDERING INFORMATION/DESCRIPTION
KIT
RM
F
116
D
103
SERIES
MODEL
TYPE
SIZE
LINEARITY
RESISTANCE
F: Plastic
S: Serigraphy
A:
 ± 1 %
B:
 ± 0.5 %
C:
 ± 0.25 %
D:
 ± 0.1 %
E:
 ± 0.05 %
First 2 digits are
significant numbers
3rd indicates number of
zeros
SAP PART NUMBERING GUIDELINES
RMS
200
A
502
MODEL
SIZE
LINEARITY
OHMIC VALUE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com