Electronic Components Datasheet Search
  English  ▼

X  

REC115L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # REC115L
Description  Precision Linear Transducers, Conductive Plastic, up to 1000 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC115L Datasheet(HTML) 2 Page - Vishay Siliconix

  REC115L Datasheet HTML 1Page - Vishay Siliconix REC115L Datasheet HTML 2Page - Vishay Siliconix REC115L Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series REC 115 L
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
2
Document Number: 54013
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters, general tolerance ± 1 mm
25.4
L MAX. = TET + 75
A
A
15
M6
18.9
VIEW A-A
31.7
34.75
31.7
43
63
13.1
18.9
1
2
3
2 x 4.2
4
TET
AET
MT
PIN 3: +
PIN 2: WIPER
PIN1: -
TET = THEORETICAL ELECTRICAL TRAVEL
AET = ACTUAL ELECTRICAL TRAVEL
MT = MECHANICAL TRAVEL
ELECTRICAL CONNECTIONS
4. GROUND
ACCESSORIES ON REQUEST DIMENSIONS in millimeters, general tolerance ± 1 mm
36 MAX.
48 MAX.
1) FEMALE CONNECTOR
Vishay’s Reference: 3248610
V
2) SPECIAL BALL JOINT ON SHAFT
ishay’s reference: 323655
41 MAX.
8 MAX.
ANGULAR CLEARANCE
±15°
RADIAL CLEARANCE IN
X AND Y: ±1.2 mm
CLEARANCE 3
Y
X
ORDERING INFORMATION/DESCRIPTION
REC
115
L
23
D
103
W...
e.
SERIES
MODEL
NUMBER
OF TRACKS
THEORETICAL
ELECTRICAL
TRAVEL
LINEARITY
OHMIC VALUE
MODIFICATIONS
LEAD
FINISH
L = 1
Times 25 mm
A: ± 1 %
D: ± 0.1 %
E: ± 0.05 %
F: ± 0.025 %
First 2 digits are
significant numbers
3rd digit indicates
number of zeros
Special feature
code number
SAP PART NUMBERING GUIDELINES
RE
115 L
23
D
103
W...
SERIES
MODEL
TET
LINEARITY
OHMIC VALUE
SPECIAL FEATURES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com