Electronic Components Datasheet Search
  English  ▼

X  

RH28 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RH28
Description  Analog Linear Displacement Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RH28 Datasheet(HTML) 1 Page - Vishay Siliconix

  RH28 Datasheet HTML 1Page - Vishay Siliconix RH28 Datasheet HTML 2Page - Vishay Siliconix RH28 Datasheet HTML 3Page - Vishay Siliconix RH28 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RH28
www.vishay.com
Vishay MCB
Revision: 09-Sep-15
1
Document Number: 32528
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Analog Linear Displacement Sensor
FEATURES
• Conductive plastic potentiometer technology.
Infinite resolution
• Anodized light alloy housing
• Precious metal multi-contact wiper
• Stainless steel floating shaft
• Flange mounting
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
LINEAR, conductive plastic
Output type
Output by cable
Market appliance
Industrial
Dimensions
35 mm
ELECTRICAL SPECIFICATIONS
PARAMETER
Theoretical electrical travel (TET)
UET - 0 mm + 2 mm
Independent linearity standard
± 0.1 %
Independent linearity optional
± 0.05 %
Tolerance on Rn
± 20 %
Temperature coefficient
-300 ± 300 ppm/°C
Wiper current
 1 mA
Recommended load impedance
 1000 R
n
Dielectric strength
500 VRMS, 50 Hz, 1 min
Insulation resistance
 10 G at 500 V
DC
Output smoothness
 0.05 %
Useful electrical travel (UET)
100 mm 150 mm 200 mm 250 mm 300 mm 400 mm 500 mm 600 mm 700 mm 800 mm 900 mm 1000 mm
Total resistance Rn (E3 series)
4.7 k
 4.7 k 4.7 k 4.7 k 4.7 k 10 k
10 k
22 k
22 k
47 k
47 k
47 k
Power rating at +70 °C
(0.15 W/cm of travel)
1.5 W
2.25 W
3 W
3.75 W
4.5 W
6 W
7.5 W
9 W
10.5 W
12 W
13.5 W
15 W
SPECIFIC CHARACTERISTICS
PARAMETER
Shaft version
F = floating
G = guided (on request)
Connector output
S = standard (straight plug)
C = with right angle plug (on request)
Cable output
A = axial cable sheath (on request)
R = radial cable (on request)
MECHANICAL SPECIFICATIONS
PARAMETER
Mechanical travel
UET + 3 mm min.
Driving force
 5 N in F version (floating shaft)
 10 N in G version (guided shaft)
Backlash
< 10 μm
Protection class
IP 50 in F version (floating shaft)
IP 64 in G version (guided shaft)
Maximum displacement speed
1.5 m/s
Shaft / body misalignment
 ± 0.5 mm in F version
Mounting
Flanges
Useful electrical travel (UET)
100 mm 150 mm 200 mm 250 mm 300 mm 400 mm 500 mm 600 mm 700 mm 800 mm 900 mm 1000 mm
Weight
Shaft + wiper
46 g
56 g
67 g
78 g
89 g
110 g
131 g
153 g
175 g
196 g
220 g
240 g
Sensor
450 g
540 g
620 g
720 g
800 g
970 g
1140 g 1320 g 1490 g 1660 g 1830 g
2000 g


Similar Part No. - RH28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RH28 VISHAY-RH28 Datasheet
98Kb / 4P
Analog Linear Displacement Sensors
14-Oct-2022
RH28 VISHAY-RH28_V01 Datasheet
98Kb / 4P
Analog Linear Displacement Sensors
14-Oct-2022
More results

Similar Description - RH28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KITPL VISHAY-KITPL Datasheet
148Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
KITPR VISHAY-KITPR Datasheet
256Kb / 11P
Kit Potentiometer Rotational Analog Displacement Sensor
27-Apr-17
POHR36 VISHAY-POHR36 Datasheet
262Kb / 11P
Single-Turn Continuous Rotation Analog Displacement Sensor
02-Mar-17
PORH12 VISHAY-PORH12 Datasheet
148Kb / 7P
Analog Rectilinear Displacement Sensor
01-Mar-17
RP12 VISHAY-RP12 Datasheet
109Kb / 4P
Analog Linear Displacement Sensor
25-Jan-18
KITPL VISHAY-KITPL_V01 Datasheet
145Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
KITPR VISHAY-KITPR_V01 Datasheet
290Kb / 12P
Kit Potentiometer Rotational Analog Displacement Sensor
21-Nov-2019
PORH12 VISHAY-PORH12_V01 Datasheet
164Kb / 8P
Analog Rectilinear Displacement Sensor
15-Jun-2022
RH28 VISHAY-RH28_V01 Datasheet
98Kb / 4P
Analog Linear Displacement Sensors
14-Oct-2022
RP12 VISHAY-RP12_V01 Datasheet
131Kb / 4P
Analog Linear Displacement Sensor
15-Jun-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com