Electronic Components Datasheet Search
  English  ▼

X  

UPC2748T Datasheet(PDF) 2 Page - NEC

Part # UPC2748T
Description  3 V, 900 MHz LOW NOISE SI MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2748T Datasheet(HTML) 2 Page - NEC

  UPC2748T Datasheet HTML 1Page - NEC UPC2748T Datasheet HTML 2Page - NEC UPC2748T Datasheet HTML 3Page - NEC UPC2748T Datasheet HTML 4Page - NEC UPC2748T Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UPC2748T
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
4.0
ICC
Total Supply Current
mA
15
PIN
Input Power
dBm
0
PT
Total Power Dissipation2
mW
280
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Mounted on a 50 x 50 x 1.6 mm epoxy glass PWB (TA = 85
°C).
TEST CIRCUIT
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VCC
Supply Voltage
V
1.8
3
3.3
TOP
Operating Temperature
°C
-40
25
85
RECOMMENDED OPERATING CONDITIONS
TYPICAL PERFORMANCE CURVES (TA = 25°C)
GAIN vs. FREQUENCY
AND TEMPERATURE
NOISE FIGURE vs. FREQUENCY
CURRENT vs. SUPPLY VOLTAGE
CURRENT vs. TEMPERATURE
Supply Voltage VCC (V)
Frequency, f (GHz)
Frequency, f (MHz)
Operating Temperature TOP (
°C)
VCC
50
Ω
OUT
1000 pF
IN
50
Ω
1000 pF
1000 pF
6
1
4
2, 3, 5
0
1
2
3
4
5
10
8
6
4
2
0
-60
-40
-20
0
20
40
60
80
100
10
8
6
4
2
0
VCC = 3.3 V
1.8 V
0
1000
2000
20
18
16
14
-40˚C
+25˚C
+85˚C
VCC = 3.0 V
ICC = 6 mA
0.01 0.3
0.6
0.9 1.2
1.5
1.8
2.1 2.4
2.7 3.0
20
15
10
5
0
VCC = 3.3 V
2
3
4
5
6
VCC = 3.0 V
VCC = 2.7 V
VCC = 1.8 V
VCC = 2.7 V
VCC = 3.0 V
VCC = 3.3 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com