Electronic Components Datasheet Search
  English  ▼

X  

UPSD3253 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 1 Page - STMicroelectronics

  UPSD3253 Datasheet HTML 1Page - STMicroelectronics UPSD3253 Datasheet HTML 2Page - STMicroelectronics UPSD3253 Datasheet HTML 3Page - STMicroelectronics UPSD3253 Datasheet HTML 4Page - STMicroelectronics UPSD3253 Datasheet HTML 5Page - STMicroelectronics UPSD3253 Datasheet HTML 6Page - STMicroelectronics UPSD3253 Datasheet HTML 7Page - STMicroelectronics UPSD3253 Datasheet HTML 8Page - STMicroelectronics UPSD3253 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 176 page
background image
1/176
November 2002
µPSD325X
Flash Programmable System Devices
with 8032 Microcontroller Core and 256Kbit SRAM
FEATURES SUMMARY
s
The µPSD325X devices combine a Flash PSD
architecture with an 8032 microcontroller core.
The µPSD325X devices of Flash PSDs feature
dual banks of Flash memory, SRAM, general
purpose I/O and programmable logic, supervi-
sory functions and access via USB, I2C, ADC,
DDC and PWM channels, and an on-board
8032 microcontroller core, with two UARTs,
three 16-bit Timer/Counters and two External
Interrupts. As with other Flash PSD families, the
µPSD325X devices are also in-system pro-
grammable (ISP) via a JTAG ISP interface.
s
Large 32KByte SRAM with battery back-up
option
s
Dual bank Flash memories
– 128KByte or 256KByte main Flash memory
– 32KByte secondary Flash memory
s
Content Security
– Block access to Flash memory
s
Programmable Decode PLD for flexible address
mapping of all memories within 8032 space.
s
High-speed clock standard 8032 core (12-cycle)
s
USB Interface (some devices only)
s
I2C interface for peripheral connections
s
5 Pulse Width Modulator (PWM) channels
s
Analog-to-Digital Converter (ADC)
s
Standalone Display Data Channel (DDC)
s
Six I/O ports with up to 50 I/O pins
s
3000 gate PLD with 16 macrocells
s
Supervisor functions with Watchdog Timer
s
In-System Programming (ISP) via JTAG
s
Zero-Power Technology
s
Single Supply Voltage
– 4.5 to 5.5V
– 3.0 to 3.6V
Figure 1. 52-lead, Thin, Quad, Flat Package
Figure 2. 80-lead, Thin, Quad, Flat Package
TQFP52 (T)
TQFP80 (U)


Similar Part No. - UPSD3253

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3253A-24T1 STMICROELECTRONICS-UPSD3253A-24T1 Datasheet
79Kb / 8P
Flash Programmable System Device with 8032 Microcontroller Core
Jun-2002
UPSD3253A-24T1T STMICROELECTRONICS-UPSD3253A-24T1T Datasheet
1Mb / 175P
Flash Programmable System Devices with 8032 Microcontroller Core
Rev. 1.2
UPSD3253A-24T1T STMICROELECTRONICS-UPSD3253A-24T1T Datasheet
79Kb / 8P
Flash Programmable System Device with 8032 Microcontroller Core
Jun-2002
UPSD3253A-24T1T STMICROELECTRONICS-UPSD3253A-24T1T Datasheet
1Mb / 176P
Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
26-Nov-2002
UPSD3253A-24T6 STMICROELECTRONICS-UPSD3253A-24T6 Datasheet
79Kb / 8P
Flash Programmable System Device with 8032 Microcontroller Core
Jun-2002
More results

Similar Description - UPSD3253

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
18-Dec-2002
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
Flash Programmable System Devices with 8032 Microcontroller Core
Nov-2004
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
Flash Programmable System Devices with 8032 Microcontroller Core
Rev. 1.2
UPSD323X STMICROELECTRONICS-UPSD323X Datasheet
1Mb / 176P
Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
27-Nov-2002
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
18-Dec-2002
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
Flash Programmable System Device with 8032 Microcontroller Core
Jun-2002
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
26-Nov-2002
logo
ATMEL Corporation
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA32L ATMEL-ATMEGA32L_14 Datasheet
5Mb / 346P
Microcontroller with 32KBytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com