Electronic Components Datasheet Search
  English  ▼

X  

SABMB216 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # SABMB216
Description  2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

SABMB216 Datasheet(HTML) 1 Page - Advanced Linear Devices

  SABMB216 Datasheet HTML 1Page - Advanced Linear Devices SABMB216 Datasheet HTML 2Page - Advanced Linear Devices SABMB216 Datasheet HTML 3Page - Advanced Linear Devices SABMB216 Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2018 Advanced Linear Devices, Inc., Vers. 1.0
www.aldinc.com
1 of 4
e
EPAD
TM
®
N A
B L
E D
E
ADVANCED
LINEAR
DEVICES, INC.
GENERAL DESCRIPTION
The SABMB2 is a 2-channel Printed Circuit Board (PCB) designed
to be used with any member of the ALD9100XX family of SAB™
MOSFETs for system designers and application developers. SAB
MOSFETs are exclusive EPAD® MOSFETs that address leakage
and voltage balance of supercapacitor cells connected in series.
Imbalance of leakage currents, although much smaller in
magnitude than charging or discharging currents, need to be
balanced, as leakage currents are long-term DC values that
integrate and accumulate over time. SAB MOSFETs and the
SABMB2 boards are compact, economical and effective in
balancing any size supercapacitors with little or no additional power
dissipation. Each SABMB2 can balance two supercapacitors in a
series stack. It is the newest board to join the popular SABMB16,
which can balance two to four supercapacitors in a series stack.
These boards can be cascaded to balance multiple series stacks
of two supercapacitors each.
The SABMB2 is a simple, out-of-the-box plug-and-play PCB
solution for development, prototyping, demonstration and
evaluation, or production deployment. It is suited for balancing
supercapacitor stacks ranging from two in series to hundreds in
series, and for supercapacitors of 0.1F to 3000F and beyond. The
average additional power dissipation due to use of SABMB boards
is zero, which makes this method of supercapacitor balancing
very energy efficient. It is especially suited for low loss energy
harvesting and long life battery operated applications.
Supercapacitors, also known as ultracapacitors, when connected
two cells in series can be balanced with a single ALD9100XX
package installed. Supercapacitors, when connected more than
two cells in series, can be balanced with more than one SABMBXX
board (each with ALD9100XX packages installed).
2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
The SABMB2 is a blank PCB, ready for an ALD9100XX to be
installed. For example, the SABMB225 is an SABMB2 board with
an ALD910025SALI installed and tested. These are rated for
industrial tempurature of -40
°C to +85°C.
The SABMB2 board includes the following features for flexibility
in a variety of different applications:
1)
One ALD9100XX Dual SAB MOSFET unit installed per
board.
2)
Optional reverse biased external clamping power diodes
(schottky rectifiers) can be installed, on board where
necessary, across each SAB MOSFET.
3)
Multiple SABMB2 PCBs can be cascaded to form a series
chain, paralleling a series-connected chain of
supercapacitor cells.
4)
Compact size of 0.6 in. by 1.0 in. with mounting holes
5)
Rated for RoHS compatible/industrial temperature range
of -40
°C to +85°C
SABMB2/SABMB2XX
* Magnified, not to scale
MECHANICAL DRAWING
1000 mil
600 mil
U1
V-
A
A
B
B
C
C
V+
SABMB2
r
e
b
m
u
N
t
r
a
Pn
o
i
t
p
i
r
c
s
e
D
2
B
M
B
A
S
e
n
o
r
o
f
y
d
a
e
r
B
C
P
l
a
s
r
e
v
i
n
U
k
n
a
l
B
T
E
F
S
O
M
B
A
S
l
a
u
D
x
x
0
0
1
9
D
L
A
X
X
2
B
M
B
A
S
:
e
l
p
m
a
x
E
5
2
2
B
M
B
A
S
e
n
o
h
t
i
w
d
r
a
o
B
2
B
M
B
A
S
I
L
A
S
X
X
0
0
1
9
D
L
A
e
n
o
h
t
i
w
d
r
a
o
B
2
B
M
B
A
S
I
L
A
S
5
2
0
0
1
9
D
L
A
Note: SABMB2XX is optional with a specific
ALD9100XXSALI unit installed. XX = 16, 17, 18, 19, 20,
21, 22, 23, 24, 25, 26, 27, 28.
See page 4 for full listing of part numbers.
ORDERING INFORMATION


Similar Part No. - SABMB216

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
SABMB2 ALD-SABMB2 Datasheet
432Kb / 4P
2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
SABMB225 ALD-SABMB225 Datasheet
432Kb / 4P
2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
SABMB2XX ALD-SABMB2XX Datasheet
432Kb / 4P
2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
SABMB2 ALD-SABMB2_V01 Datasheet
432Kb / 4P
2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
More results

Similar Description - SABMB216

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810023 ALD-ALD810023 Datasheet
523Kb / 17P
QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
ALD8100XX ALD-ALD8100XX Datasheet
550Kb / 17P
SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAYS
SABMB16 ALD-SABMB16 Datasheet
92Kb / 4P
SUPERCAPACITOR AUTO BALANCING PCB
SABMB16 ALD-SABMB16_18 Datasheet
83Kb / 4P
4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
SABMB2 ALD-SABMB2_V01 Datasheet
432Kb / 4P
2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
SABMB6 ALD-SABMB6 Datasheet
455Kb / 4P
6-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
SABMB16 ALD-SABMB16_V01 Datasheet
459Kb / 4P
4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
ALD810024 ALD-ALD810024 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810025 ALD-ALD810025 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810027 ALD-ALD810027 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com