Electronic Components Datasheet Search
  English  ▼

X  

ALD210800ASCL Datasheet(PDF) 9 Page - Advanced Linear Devices

Part # ALD210800ASCL
Description  PRECISION N-CHANNEL EPAD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD210800ASCL Datasheet(HTML) 9 Page - Advanced Linear Devices

Back Button ALD210800ASCL Datasheet HTML 4Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 5Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 6Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 7Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 8Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 9Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 10Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 11Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 12Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ALD210800A/ALD210800
Advanced Linear Devices
9 of 12
DIFFERENTIAL AMPLIFIER
CURRENT SOURCE MULTIPLICATION
CURRENT SOURCE MIRROR
CURRENT SOURCE WITH GATE CONTROL
TYPICAL APPLICATIONS
ISET
RSET
M3
V+ = +5V
ISOURCE
M1, M2: N - Channel MOSFET
M3, M4: P - Channel MOSFET
M1
M2
V+ = +5V
M4
M3, M4:
ALD1102,
ALD1117,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1107, or
1/2 ALD3107xx
M1, M2:
ALD1101,
ALD1116,
ALD1109xx,
ALD2129xx,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1106,
1/2 ALD1108xx, or
1/2 ALD2108xx
RSOURCE
ISOURCE = ISET =
V+ - Vt
RSET
where Vt = VGS - VGS(th) = VDS
V+ = +5V
ISOURCE
RSET
M3
ISET
ON
OFF
Digital Logic Control
of Current Source
M1
: N - Channel MOSFET
M3, M4 : P - Channel MOSFET
M4
M1
RSOURCE
M1:
1/2 ALD1101,
1/2 ALD1116,
1/2 ALD1109xx,
1/2 ALD2129xx,
1/4 ALD1103,
1/4 ALD1105,
1/4 ALD1106,
1/4 ALD1108xx, or
1/4 ALD2108xx
M3, M4:
ALD1102,
ALD1117,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1107, or
1/2 ALD3107xx
V+
PMOS PAIR
M4
VOUT
VIN-
NMOS PAIR
M2
M1
VIN+
Current
Source
M3
M1, M2: N - Channel MOSFET
M3, M4: P - Channel MOSFET
M3, M4:
ALD1102,
ALD1117,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1107, or
1/2 ALD3107xx
M1, M2:
ALD1101,
ALD1116,
ALD1109xx,
ALD2129xx,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1106,
1/2 ALD1108xx, or
1/2 ALD2108xx
MSET, M1..MN: N - Channel MOSFET
ISET
V+ = +5V
ISOURCE = ISET x N
RSET
M2
M3
MSET
M1
MN
Package 1
Package N
MSET, M1..MN:
N x ALD1101, N x ALD1116,
N x ALD1109xx, N x ALD2129xx,
N x ALD1103, N x ALD1106,
N x ALD1108xx, or
N x ALD2108xx
All M's in the set are
from the same part number.
V+ = +5V
RSOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com