Electronic Components Datasheet Search
  English  ▼

X  

LL60 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # LL60
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LL60 Datasheet(HTML) 1 Page - Micro Commercial Components

  LL60_12 Datasheet HTML 1Page - Micro Commercial Components LL60_12 Datasheet HTML 2Page - Micro Commercial Components LL60_12 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LL60
LL60P
Schottky Barrier
Rectifier
Features
•
High Reliability
•
Low Reverse Current and Low Forward Voltage
Maximum Ratings
•
Operating Temperature: -65
℃ to +125℃
Electrical Characteristics @ 25°C Unless Otherwise Specified
Parameter
Symbol
Type
Value
Test Condition
LL60
40V
Repetitive
Peak Reverse
Voltage
VRRM
LL60P
45V
LL60
30mA
Ta = 25
℃
Average
Forward
Current
IF(AV)
LL60P
50mA
Ta = 25
℃
LL60
150mA
t p
≦1s
Peak Forward
Surge Current
IFSM
LL60P
500mA
t p
≦1s
Junction
Ambient
RthJA
250K/W
On PC board
50mm
×50mm
×1.6mm
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: B
2012/01/01
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
∅
A
B
C
Cathode Ma
.165
.075
.030
MiniMELF
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Note:1.Lead in Glass Exemption Applied, see EU Directive Annex 7(C)-I.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
Compliant. See ordering information)
•
Storage Temperature: -65
℃ to +125℃
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - LL60_12

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
LL60 HDSEMI-LL60_18 Datasheet
1Mb / 4P
MINI MELF Glass-Encapsulate Diodes
More results

Similar Description - LL60_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
20-Apr-2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com