Electronic Components Datasheet Search
  English  ▼

X  

MBRB820 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBRB820
Description  Schottky Barrier Rectifier 20 to 100 Volts 8.0 Amp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRB820 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBRB820 Datasheet HTML 1Page - Micro Commercial Components MBRB820 Datasheet HTML 2Page - Micro Commercial Components MBRB820 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBRB820
THRU
MBRB8100
Schottky
Barrier Rectifier
20 to 100 Volts
Features
•
HighEfficiency,Low Power Loss
•
Low Leakage Current
•
High Current Capability
Maximum Ratings
•
Operating Temperature: -55
°C to +150 °C
•
Storage Temperature: - 55
oC to +150
°C
MCC
Catalog
Number
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBRB820
20V
14V
20V
MBRB830
30V
21V
30V
MBRB840
40V
28V
40V
MBRB850
50V
35V
50V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8A
TC = 100
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
*Pulse Test: Pulse Width 200
µsec, Duty Cycle 1%
MBRB880
80V
56V
80V
MBRB8100
100V
70V
100V
8.0 Amp
50mA
TA = 100
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
TA = 25
°C
MBRB820-40
VF
.55V
IFM =8A;
MBRB850-60
.75V
TJ = 25
°C
MBRB880-100
.85V
20
17/12/01
D
2-PAK
SUGGESTED SOLDER PAD LAYOUT
C
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.320
.359
8.13
9.14
B
.380
.411
9.65
10.45
C
.160
.190
4.06
4.83
D
.020
.035
0.51
0.89
E
.045
.055
1.14
1.40
G
.095
.105
2.41
2.67
H
.096
.120
2.43
3.03
J
.014
.021
0.35
0.53
K
.090
.110
2.29
2.79
S
.575
.625
14.60
15.80
V
.045
.055
1.14
1.40
E
J
K
H
A
S
V
B
D
G
1
2
3
Inches
mm
.065
1.65
.330
8.38
.420
10.66
.120
3.05
.070
1.78
.740
18.79
www.mccsemi.com
1 of 3
Marking : type number
1
3
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Revision:
D
MBRB860
60V
42V
60V
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
•
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone:(818) 701-4933
Fax: (818) 701-4939


Similar Part No. - MBRB820

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRB820 MCC-MBRB820 Datasheet
105Kb / 2P
Schott ky Barrier Rectifier 20 to 100 Volts 8.0 Am p
MBRB820 MCC-MBRB820 Datasheet
225Kb / 3P
8.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB820 MCC-MBRB820_11 Datasheet
225Kb / 3P
8.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBRB820

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK82L MCC-SK82L Datasheet
365Kb / 3P
8.0 Amp Schottky Rectifier 20 to 100 Volts
MBRB820 MCC-MBRB820_11 Datasheet
225Kb / 3P
8.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
SK82L MCC-SK82L_11 Datasheet
993Kb / 4P
8.0 Amp Schottky Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK84L-TP MCC-SK84L-TP Datasheet
198Kb / 4P
8.0 Amp Schottky Rectifier 20 to 100 Volts
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com