Electronic Components Datasheet Search
  English  ▼

X  

MBRL2045FCT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBRL2045FCT
Description  45 Volts 20 Amp Low VF Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRL2045FCT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBRL2045FCT Datasheet HTML 1Page - Micro Commercial Components MBRL2045FCT Datasheet HTML 2Page - Micro Commercial Components MBRL2045FCT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
TC = 90°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
.
52V
IFM = 10A;
TA =25°C
45V
31.5V
45V
MBR
L2045FCT
IR
45 Volts
Peak Reverse Current
TA = 25°C
TA = 100°C
0.
2mA
20mA
20 Amp
Low VF
Schottky
Barrier Rectifier
MBR
L2045FCT
Revision:
A
20
16/10/23
www.mccsemi.com
1 of 3
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
 omponents
2
0736 Marilla Street Chatsworth

 !"#
$%   !"#
Maximum Ratings
•
•
High surge forward current capability
•
•
•
Low Power loss, High efficiency
Marking : type number
Halogen free available upon request by adding suffix "-HF"
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Operating Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
•
Maximum Thermal Resistance Junction to Case : 2.0
oC/W
Current Squared Time
I2
t
94 A2S 1ms≤t<8.3ms
Tj=25
℃,Rating
of per diode
Micro Commercial Components
M C C
R
ITO-220AB
PIN 1
PIN 3
PIN 2
A
B
C
K
J
I
H
G
E
D
N
M
L
H
PIN
3
1
2

INCHES
MM






A
.583
.606
15.40
14.80
B
---
.406
---
10.30
N
.098
.114
2.50
2.90

O
F
C
.100
.112
2.55
2.85
D
.248
.272
6.30
6.90
E
---
.161
---
4.10
F
---
.071
---
1.80
G
.512
.543
13.00
13.80
H
.100
2.55
I
---
.035
---
0.90
J
---
.032
---
0.80
K
.118
.134
3.00
3.40
L
---
.189
---
4.80
M
---
.130
---
3.30
O
---
.055
---
1.40


Similar Part No. - MBRL2045FCT

ManufacturerPart #DatasheetDescription
logo
RFE international
MBRL2045FCT RFE-MBRL2045FCT Datasheet
1Mb / 3P
Schottky Diodes
11-18-2022
More results

Similar Description - MBRL2045FCT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1645G SSDI-SSR1645G Datasheet
198Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR10U45L MCC-MBR10U45L_16 Datasheet
345Kb / 3P
10 Amp Low VF Schottky Barrier Rectifier 45 Volts
MBRBL2045C MCC-MBRBL2045C Datasheet
405Kb / 3P
20 Amp Schottky Barrier Rectifier 45 Volts
MBRL2045CT MCC-MBRL2045CT Datasheet
407Kb / 3P
45 Volts 20 Amp Low Schottky Barrier Rectifier
MBRL20100CT MCC-MBRL20100CT Datasheet
334Kb / 3P
100 Volts 20 Amp Low VF Schottky Barrier Rectifier
MBRL20100FCT MCC-MBRL20100FCT Datasheet
371Kb / 3P
20 Amp Low VF Schottky Barrier Rectifier 100~150 Volts
MBRL20150CT MCC-MBRL20150CT Datasheet
411Kb / 3P
150 Volts 20 Amp Low VF Schottky Barrier Rectifier
MBRLP20100 MCC-MBRLP20100 Datasheet
333Kb / 2P
20 Amp Low VF Schottky Barrier Rectifier 100 Volts
SL345A MCC-SL345A Datasheet
599Kb / 3P
3 Amp Low VF Schottky Rectifier 45 Volts
SR302 MCC-SR302_13 Datasheet
254Kb / 4P
3 Amp Schottky Barrier Rectifier 20 - 45 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com