Electronic Components Datasheet Search
  English  ▼

X  

RB421DS Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RB421DS
Description  0.1 Amp Schottky Barrier Rectifier 40 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RB421DS Datasheet(HTML) 1 Page - Micro Commercial Components

  RB421DS_13 Datasheet HTML 1Page - Micro Commercial Components RB421DS_13 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RB421DS
0.1 Amp Schottky
Barrier Rectifier
40 Volts
Features
Small surface mounting type
Low reverse current and low forward voltage
High reliability
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
40
V
DC Reverse Voltage
VR
40
V
Mean Rectifying
Current
IO
100
mA
Peak Forward Surge
Current
IFSM
1
A
Junction Temperature
TJ
125
Storage Temperature
TSTG
-40 to 125
Electrical Characteristics @ 25 C Unless Otherwise Specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
@ IF=100mA
@ IF=10mA
VF
---
---
0.55
0.34
V
Reverse Current
@ VR=10V
IR
---
---
30
uA
Capacitance
Between Terminals
@VR =10V, f=1MHz
CT
---
6
---
pF
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
www.mccsemi.com
1 of 2
Maximum Ratings
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Marking: D3C
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
B
.083
.104
2.10
2.64
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - RB421DS_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB421DS MCC-RB421DS Datasheet
163Kb / 2P
0.1 Amp Schottky Barrier Rectifier 40 Volts
More results

Similar Description - RB421DS_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB420D MCC-RB420D_06 Datasheet
808Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB420DS MCC-RB420DS Datasheet
211Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB421D MCC-RB421D_06 Datasheet
800Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB425D MCC-RB425D Datasheet
807Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB441Q MCC-RB441Q Datasheet
449Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB501V-40 MCC-RB501V-40 Datasheet
187Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB420DS MCC-RB420DS_13 Datasheet
260Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB441Q MCC-RB441Q_12 Datasheet
245Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB500V-40 MCC-RB500V-40_13 Datasheet
181Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB501V-40 MCC-RB501V-40_13 Datasheet
183Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com