Electronic Components Datasheet Search
  English  ▼

X  

VCR3P Datasheet(PDF) 1 Page - InterFET Corporation

Part # VCR3P
Description  P-Channel Silicon Voltage Controlled Resistor JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

VCR3P Datasheet(HTML) 1 Page - InterFET Corporation

  VCR3P Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
C-9
VCR3P
P-Channel Silicon Voltage Controlled Resistor JFET
Absolute maximum ratings at TA = 5¡C.
Reverse Gate Source & Reverse Gate Drain Voltage
15 V
Continuous Forward Gate Current
10 mA
Continuous Device Power Dissipation
300 mW
Power Derating
2.4 mW/°C
TOÐ18 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Gate & Case, 3 Drain
At 25°C free air temperature:
VCR3P
Process PJ99
Static Electrical Characteristics
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
15
V
IG = 1 µA, VDS = ØV
Gate Reverse Current
IGSS
20
nA
VGS = 15V, VDS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
15
V
ID = – 1 µA, VDS = – 10V
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
70
200
Ω
VGS = ØV, ID = ØA
f = 1 kHz
Drain Gate Capacitance
Cdg
25
pF
VDG = 10V, IS = ØA
f = 1 MHz
Source Gate Capacitance
Csg
15
pF
VGS = 10V, ID = ØA
f = 1 MHz
¥ Small Signal Attenuators
¥ Filters
¥ Amplifier Gain Control
¥ Oscillator Amplitude Control
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page C-9


Similar Part No. - VCR3P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
VCR3P INTERSIL-VCR3P Datasheet
4Mb / 122P
P-CHANNEL JFET
More results

Similar Description - VCR3P

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
VCR11N LINEAR-VCR11N Datasheet
171Kb / 1P
N-CHANNEL JFET VOLTAGE CONTROLLED RESISTOR
logo
InterFET Corporation
VCR2N INTERFET-VCR2N Datasheet
60Kb / 1P
N-Channel Silicon Voltage Controlled Resistor JFET
VCR11 INTERFET-VCR11 Datasheet
88Kb / 1P
N-Channel Silicon Voltage Controlled Resistor JFET
logo
Central Semiconductor C...
CMPFJ174 CENTRAL-CMPFJ174 Datasheet
59Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL JFET
logo
Toshiba Semiconductor
VCR2N TOSHIBA-VCR2N_05 Datasheet
79Kb / 4P
JFET Voltage-Controlled Resistors
logo
Central Semiconductor C...
CMPF5460 CENTRAL-CMPF5460 Datasheet
63Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL JFET
logo
Micross Components
LSJ177_SOT-23 MICROSS-LSJ177_SOT-23 Datasheet
301Kb / 1P
P-CHANNEL JFET
SST5115_SOT-23 MICROSS-SST5115_SOT-23 Datasheet
304Kb / 1P
P-CHANNEL JFET
logo
Central Semiconductor C...
CMPF5460 CENTRAL-CMPF5460_15 Datasheet
63Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL JFET
PN5033 CENTRAL-PN5033 Datasheet
309Kb / 3P
SILICON P-CHANNEL JFET
R0 25-June 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com