Electronic Components Datasheet Search
  English  ▼

X  

UNR511D Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UNR511D
Description  Silicon PNP epitaxial planar type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR511D Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UNR511D Datasheet HTML 1Page - Panasonic Semiconductor UNR511D Datasheet HTML 2Page - Panasonic Semiconductor UNR511D Datasheet HTML 3Page - Panasonic Semiconductor UNR511D Datasheet HTML 4Page - Panasonic Semiconductor UNR511D Datasheet HTML 5Page - Panasonic Semiconductor UNR511D Datasheet HTML 6Page - Panasonic Semiconductor UNR511D Datasheet HTML 7Page - Panasonic Semiconductor UNR511D Datasheet HTML 8Page - Panasonic Semiconductor UNR511D Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Transistors with built-in Resistor
1
Publication date: December 2003
SJH00022BED
UNR511x Series (UN511x Series)
Silicon PNP epitaxial planar type
For digital circuits
■ Features
• Costs can be reduced through downsizing of the equipment and
reduction of the number of parts
• S-Mini type package, allowing automatic insertion through the tape/
magazine packing
■ Resistance by Part Number
Marking symbol
(R1)(R2)
• UNR5110 (UN5110)
6L
47 k
Ω
• UNR5111 (UN5111)
6A
10 k
Ω
10 k
Ω
• UNR5112 (UN5112)
6B
22 k
Ω
22 k
Ω
• UNR5113 (UN5113)
6C
47 k
Ω
47 k
Ω
• UNR5114 (UN5114)
6D
10 k
Ω
47 k
Ω
• UNR5115 (UN5115)
6E
10 k
Ω
• UNR5116 (UN5116)
6F
4.7 k
Ω
• UNR5117 (UN5117)
6H
22 k
Ω
• UNR5118 (UN5118)
6I
0.51 k
Ω
5.1 k
Ω
• UNR5119 (UN5119)
6K
1 k
Ω
10 k
Ω
• UNR511D (UN511D)
6M
47 k
Ω
10 k
Ω
• UNR511E (UN511E)
6N
47 k
Ω
22 k
Ω
• UNR511F (UN511F)
6O
4.7 k
Ω
10 k
Ω
• UNR511H (UN511H)
6P
2.2 k
Ω
10 k
Ω
• UNR511L (UN511L)
6Q
4.7 k
Ω
4.7 k
Ω
• UNR511M (UN511M)
EI
2.2 k
Ω
47 k
Ω
• UNR511N (UN511N)
EW
4.7 k
Ω
47 k
Ω
• UNR511T (UN511T)
EY
22 k
Ω
47 k
Ω
• UNR511V (UN511V)
FC
2.2 k
Ω
2.2 k
Ω
• UNR511Z (UN511Z)
FE
4.7 k
Ω
22 k
Ω
■ Absolute Maximum Ratings T
a
= 25°C
Note) The part numbers in the parenthesis show conventional part number.
B
R1
R2
C
E
Internal Connection
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
−50
V
Collector-emitter voltage (Base open)
VCEO
−50
V
Collector current
IC
−100
mA
Total power dissipation
PT
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
1.3±0.1
0.3
+0.1
–0.0
2.0±0.2
1
3
2
(0.65) (0.65)
0.15
+0.10
–0.05
10˚
1: Base
2: Emitter
3: Collector
EIAJ: SC-70
SMini3-G1 Package
Unit: mm


Similar Part No. - UNR511D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR5154 PANASONIC-UNR5154 Datasheet
87Kb / 3P
Silicon PNP epitaxial planar type For digital circuits
More results

Similar Description - UNR511D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
XP04113 PANASONIC-XP04113 Datasheet
86Kb / 3P
Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB928A KEXIN-2SB928A Datasheet
40Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB1589 KEXIN-2SB1589 Datasheet
49Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
Silicon PNP Epitaxial Planar Type
2SA1022 KEXIN-2SA1022 Datasheet
36Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB967 KEXIN-2SB967 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com