Electronic Components Datasheet Search
  English  ▼

X  

VDP3108B Datasheet(PDF) 18 Page - Micronas

Part # VDP3108B
Description  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108B Datasheet(HTML) 18 Page - Micronas

Back Button VDP3108B Datasheet HTML 14Page - Micronas VDP3108B Datasheet HTML 15Page - Micronas VDP3108B Datasheet HTML 16Page - Micronas VDP3108B Datasheet HTML 17Page - Micronas VDP3108B Datasheet HTML 18Page - Micronas VDP3108B Datasheet HTML 19Page - Micronas VDP3108B Datasheet HTML 20Page - Micronas VDP3108B Datasheet HTML 21Page - Micronas VDP3108B Datasheet HTML 22Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
18
Micronas
2.8.8. Chroma Transient Improvement
The intention of this block is to enhance the chroma
resolution. A correction signal is calculated by differenti-
ation of the color difference signals. The differentiation
can be selected according to the signal bandwidth, e.g.
for PAL/NTSC/SECAM or digital component signals,
respectively. The amplitude of the correction signal is
adjustable. Small noise amplitudes in the correction sig-
nal are suppressed by an adjustable coring circuit. To
eliminate ‘wrong colors’, which are caused by over and
undershoots at the chroma transition, the sharpened
chroma signals are limited to a proper value automati-
cally.
Fig. 2–18: Digital Color Transient Improvement
t
t
t
Cr out
Cb out
Ampl.
Cr in
Cb in
a)
b)
c)
a) Cr Cb input of DTI
b) Cr Cb input
)Correction signal
c) sharpened and limited Cr Cb
2.8.9. Inverse Matrix
A 6-multiplier matrix transcodes the Cr and Cb signals
to R–Y, B–Y, and G–Y. The multipliers are also used to
adjust color saturation in the range of 0 to 2. The coeffi-
cients are signed and have a resolution of 9 bits. There
are separate matrix coefficients for main and side pic-
tures. The matrix computes:
R–Y
+MR1*Cb)MR2*Cr
G–Y
+MG1*Cb)MG2*Cr
B–Y
+MB1*Cb)MB2*Cr
The initialization values for the matrix are computed
from the standard ITUR (CCIR) matrix:
R
G
B
+
1
1
1
0
* 0.345
1.773
1.402
* 0.713
0
Y
Cb
Cr
For a contrast setting of CTM
+32, the matrix values are
scaled by a factor of 64, see also table 3–1.
2.8.10. RGB Processing
After adding the post-processed luma, the digital RGB
signals are limited to 10 bits. Three multipliers are used
to digitally adjust the white drive. Using the same multi-
pliers an average beam current limiter is implemented.
See also section 2.9.1. ‘CRT Measurement and Con-
trol’.
2.8.11. OSD Color Lookup Table
The VDP 31xxB has five input lines for an OSD signal.
This signal forms a 5-bit address for a color look-up table
(CLUT). The CLUT is a memory with 32 words where
each word holds a RGB value.
Bits 0 to 3 (bit 4
+0) form the addresses for the ROM part
of the OSD, which generates full RGB signals (bit 0 to 2)
and half-contrast RGB signals (bit 3).
Bit 4 addresses the RAM part of the OSD with 16 freely
programmable colors, addressable with bit 0 to 3. The
programming is done via the I2C-bus.
The amplitude of the CLUT output signals can be ad-
justed separately for R, G and B via the I2C-bus. The
switchover between video RGB and OSD RGB is done
via the Priority bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com