Electronic Components Datasheet Search
  English  ▼

X  

VDP3112B Datasheet(PDF) 13 Page - Micronas

Part # VDP3112B
Description  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3112B Datasheet(HTML) 13 Page - Micronas

Back Button VDP3112B Datasheet HTML 9Page - Micronas VDP3112B Datasheet HTML 10Page - Micronas VDP3112B Datasheet HTML 11Page - Micronas VDP3112B Datasheet HTML 12Page - Micronas VDP3112B Datasheet HTML 13Page - Micronas VDP3112B Datasheet HTML 14Page - Micronas VDP3112B Datasheet HTML 15Page - Micronas VDP3112B Datasheet HTML 16Page - Micronas VDP3112B Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
13
Micronas
2.4. Horizontal Scaler
The 4:2:2 YCrCb signal from the color decoder is pro-
cessed by the horizontal scaler. The scaler block allows
a linear or nonlinear horizontal scaling of the input video
signal in the range of 0.25 to 4. Nonlinear scaling, also
called “panorama vision”, provides a geometrical distor-
tion of the input picture. It is used to fit a picture with 4:3
format on a 16:9 screen by stretching the picture geome-
try at the borders. Also, the inverse effect can be pro-
duced by the scaler. A summary of scaler modes is given
in Table 2–2.
The scaler contains a programmable decimation filter, a
1-line FIFO memory, and a programmable interpolation
filter. The scaler input filter is also used for pixel skew
correction, see 2.3.9. The decimator/interpolator struc-
ture allows optimal use of the FIFO memory. The con-
trolling of the scaler is done by the internal Fast Proces-
sor.
Table 2–2: Scaler modes
Mode
Scale
Factor
Description
Compression
4:3
→ 16:9
0.75
linear
4:3 source displayed on a
16:9 tube,
with side panels
Panorama
4:3
→ 16:9
non-
linear
compr
4:3 source displayed on a
16:9 tube,
Borders distorted
Zoom
4:3
→ 4:3
1.33
linear
Letterbox source (PAL+)
displayed on a 4:3 tube,
vertical
overscan
with
cropping of side panels
Panorama
4:3
→ 4:3
non-
linear
zoom
Letterbox source (PAL+)
displayed on a 4:3 tube,
vertical overscan, bor-
ders distorted, no crop-
ping
2.5. Black-Line Detector
In case of a letterbox format input video, e.g. Cinema-
scope, PAL+ etc., black areas at the upper and lower
part of the picture are visible. It is suitable to remove or
reduce these areas by a vertical zoom and/or shift op-
eration.
The VDP 31xxB supports this feature by a letterbox de-
tector. The circuitry detects black video lines by measur-
ing the signal amplitude during active video. For every
field the number of black lines at the upper and lower
part of the picture are measured, compared to the pre-
vious measurement and the minima are stored in the
I2C-register BLKLIN. To adjust the picture amplitude, the
external controller reads this register, calculates the ver-
tical scaling coefficient and transfers the new settings,
e.g. vertical sawtooth parameters, horizontal scaling co-
efficient etc., to the VDP.
Letterbox signals containing logos on the left or right
side of the black areas are processed as black lines,
while subtitles, inserted in the black areas, are pro-
cessed as non-black lines. Therefore the subtitles are
visible on the screen. To suppress the subtitles, the verti-
cal zoom coefficient is calculated by selecting the larger
number of black lines only. Dark video scenes with a low
contrast level compared to the letterbox area are indi-
cated by the BLKPIC bit.
2.6. Test Pattern Generator
The YCrCb outputs of the front-end can be switched to
a test mode where YCrCb data are generated digitally
in the VDP 31xxB. Test patterns include luma/chroma
ramps, flat fields and a pseudo color bar pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com