Electronic Components Datasheet Search
  English  ▼

X  

VSC7124 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC7124
Description  Quad Port Bypass Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7124 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC7124 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 8Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52293-0, Rev 2.3
Page 5
05/07/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Advance Product Information
VSC7124
Quad Port Bypass Circuit
Package Pin Descriptions
Figure 3: Pin Diagram
Table 1: Pin Identifications
Pin #
Name
Description
4, 3, 41, 40
35, 34, 28, 27
10, 9
I1+, I1-, I2+, I2-
I3+, I3-, I4+, I4-
I0+, I 0-
INPUT - Differential, Internally Biased to VDD/2
Ix+/Ix- is the serial input to PBCx.
15, 16,
17, 18
14
SEL1, SEL2
SEL3, SEL4
SEL0
INPUT - TTL
Port Bypass Mux SELect lines. A HIGH selects Ix. A LOW selects the
output of the previous internal device.
7, 6, 44, 43
38, 37, 31, 30
24, 25
O1+, O1-, O2+, O2-
O3+, O3-, O4+, O4-
O0+, O0-
OUTPUT - Differential
Ox+/Ox- is the serial output from PBCx.
2, 21, 32
VDD
Digital Logic Power Supply.
5
42
36
29
26
VDDP1
VDDP2
VDDP3
VDDP4
VDDP0
Power Supply (3.3V) for O1+/-. If unused, connect to VSS.
Power Supply (3.3V) for O2+/-. If unused, connect to VSS.
Power Supply (3.3V) for O3+/-. If unused, connect to VSS.
Power Supply (3.3V) for O4+/-. If unused, connect to VSS.
Power Supply (3.3V) for O0+/-. If unused, connect to VSS
12, 13, 20, 22, 23
N/C
Not Connected
1, 8, 11, 19, 33, 39
VSS
Ground
VSS
I0+
VSS
N/C
O0+
O4+
O0-
VDDP1
O1-
O1+
I4-
VDD
VSS
I0-
VDDP0
I4+
VDDP4
O4-
VDD
I1+
I1-
VSC7124
VSS
1
3
5
7
9
11
33
31
29
27
25
23
13
15
17
19
21
43
41
39
37
35



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com