Electronic Components Datasheet Search
  English  ▼

X  

VSC8062 Datasheet(PDF) 19 Page - Vitesse Semiconductor Corporation

Part # VSC8062
Description  2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8062 Datasheet(HTML) 19 Page - Vitesse Semiconductor Corporation

Back Button VSC8062 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8062 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8062 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8062 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8062 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8062 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8062 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8062 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8062 Datasheet HTML 20Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52069-0, Rev 4.3
Page 19
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Data Sheet
VSC8061/VSC8062
Multiplexer/Demultiplexer Chipset
2.5Gb/s 16-Bit
Ordering Information
The order number for this product is formed by a combination of the device number, package type, and the
operating temperature range.
Notice
Vitesse Semiconductor Corporation (“Vitesse”) provides this document for informational purposes only. All information in this document, includ-
ing descriptions of features, functions, performance, technical specifications and availability, is subject to change without notice at any time. Noth-
ing contained in this document shall be construed as extending any warranty or promise, express or implied, that any Vitesse product will be
available as described or will be suitable for or will accomplish any particular task.
Vitesse products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without writ-
ten consent is prohibited.
VSC80XX
FC
Device Type
VSC8061: 2.5Gb/s 16-bit Multiplexer
Package and Temperature
FC: 52 Pin Ceramic Leaded Chip Carrier (LDCC),
VSC8062: 2.5Gb/s 16-bit Demultiplexer
0
°C ambient to +70°C case
FI: 52 Pin Ceramic Leaded Chip Carrier (LDCC),
-40
°C ambient to +85°C case
QH: 52-Pin Plastic Flat Quad Pack (PFQP),
0
°C ambient to +85°C case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com