Electronic Components Datasheet Search
  English  ▼

X  

VSC8113QB2 Datasheet(PDF) 17 Page - Vitesse Semiconductor Corporation

Part # VSC8113QB2
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113QB2 Datasheet(HTML) 17 Page - Vitesse Semiconductor Corporation

Back Button VSC8113QB2 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 21Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
G52154-0, Rev 4.2
© VITESSE SEMICONDUCTOR CORPORATION
Page 17
3/19/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Package Pin Description
Table 17: Pin Definitions
Signal
Pin
I/O
Level
Pin Description
FACLOOP
1
I
TTL
Facility loopback, loops high speed receive data and clock
directly to transmit outputs.
VDD
2
+3.3V
+3.3V Power Supply
CRUEQLP
3
I
TTL
Loops TXDATAOUT to the CRU replacing RXDATAIN+/-
RESET
4
I
TTL
Resets frame detection, dividers, controls; active high
LOOPTIM0
5
I
TTL
Enable loop timing operation; active HIGH
B0
6
I
TTL
Reference clock select, refer to table 12
B1
7
I
TTL
Reference clock select, refer to table 12
B2
8
I
TTL
Reference clock select, refer to table 12
VDDP
9
+3.3/+5V
+3.3V or +5V Power Supply for PECL I/Os
TXDATAOUT+
10
O
PECL
Transmit output, high speed differential data +
TXDATAOUT-
11
O
PECL
Transmit output, high speed differential data -
VSS
12
GND
Ground
TXCLKOUT+
13
O
PECL
Transmit high speed clock differential output+
TXCLKOUT-
14
O
PECL
Transmit high speed clock differential output-
VDDP
15
+3.3/+5V
+3.3V or +5V Power Supply for PECL I/Os
N/C
16
No connection
LOSDETEN_
17
I
TTL
Enables internal LOS detection (active low).
VSS
18
GND
Ground
RXCLKIN+
19
I
PECL
Receive high speed differential clock input+
RXCLKIN-
20
I
PECL
Receive high speed differential clock input-
VDDP
21
+3.3/+5V
+3.3V or +5V Power Supply for PECL I/Os
OOF
22
I
TTL
Out Of Frame; Frame detection initiated with high level
DSBLCRU
23
I
TTL
Disable on-chip clock recovery unit; active high
RXDATAIN+
24
I
PECL
Receive high speed differential data input+
RXDATAIN-
25
I
PECL
Receive high speed differential data input-
NC
26
No connection
NC
27
No connection
VDD
28
+3.3V
+3.3V Power Supply
REFCLKP+
29
I
PECL
PECL reference clock input+
REFCLKP-
30
I
PECL
PECL reference clock input-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com