Electronic Components Datasheet Search
  English  ▼

X  

CL613 Datasheet(PDF) 1 Page - Lumins Inc.

Part # CL613
Description  Heavy cast aluminum top cover with integral LED heat dissipating pad
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

CL613 Datasheet(HTML) 1 Page - Lumins Inc.

  CL613 Datasheet HTML 1Page - Lumins Inc. CL613 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
TYPE:
QUANTITY:
PROJECT:
CATALOG
NUMBER:
FIXTURE
WATTAGE
VOLTAGE
FINISH
OPTION
OPTION
OPTION
OPTION
MATERIALS
LumiSTIK bollard is made of corrosion resistant 356 aluminum alloy with a
copper (CU) content of less than 0.1%.
LED is contained in a white UV stabilized high impact acrylic sealed cylinder.
The assembly is designed to provide a uniform column illumination.
ELECTRICAL
DRIVER
Standard driver is 0-10V dimming-ready (dims to 10%) with:
120-277 multi-volt compatibility (50-60Hz), operating
temperature range of -30ºC/-22ºF to 60ºC/140ºF, output over
voltage protection, output over current protection and output
short circuit protection with auto-recovery.
LED
Standard 4000K CCT/80 CRI. Optional 2700K, 3000K and 3500K.
Removable modular LED platform.
LIFE
50,000hrs L
85B50 (based on IESNA TM-21 Test Method and LM-80 data).
FINISH
Five-stage preparation process includes preheating of cast aluminum parts
for air extraction. Polyester powder coating is applied through an electrostatic
process, and oven cured for long term finish.
CERTIFICATION
Tested to UL1598 and CSA 22.2 #250. ETL listed wet location.
Photometric testing performed by an independent laboratory in accordance
with IES LM-79-08 standards at 25ºC. Lumen depreciation in accordance with
IESNA LM80 standards. CE certification on request.
Rated IP65.
MOUNTING
Mounts with a set of 3 x 1/2”-13 x 18” lg galvanized anchor bolts.
CL613/CL623 SERIES
LumiSTIK - LED
6” BOLLARD
1
3
1
1- Heavy cast aluminum top
cover with integral LED heat
dissipating pad.
2- Ø 6” (152) High impact white
translucent acrylic diffuser UV
stabilized. Available acrylic
heights include 12” (305) and 27”
(686).
3- Ø 6” (152) extruded aluminum
base.
2
4.7” (119) dia. Bolt circle
6” (152) dia. Base
42”
(1066)
12”
(305)
42”
(1066)
27”
(686)
CL613
CL623
CL613/CL623
LumiStick


Similar Part No. - CL613

ManufacturerPart #DatasheetDescription
logo
Vaisala
CL61 VAISALA-CL61 Datasheet
138Kb / 2P
Lidar Ceilometer CL61 with depolarization measurement
More results

Similar Description - CL613

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SY300 LUMINIS-SY300 Datasheet
397Kb / 2P
Cast aluminum top cover.
SY305 LUMINIS-SY305 Datasheet
371Kb / 2P
Cast aluminum top cover.
W110 LUMINIS-W110 Datasheet
491Kb / 2P
Heavy cast aluminum top cover with embedded heat sink.
W135 LUMINIS-W135 Datasheet
465Kb / 2P
Heavy cast aluminum top cover with embedded heat sink.
W140 LUMINIS-W140 Datasheet
912Kb / 2P
Heavy cast aluminum top cover with embedded heat sink.
CL624 LUMINIS-CL624 Datasheet
209Kb / 2P
Heavy cast aluminum top cover with embedded heat sink
CL813 LUMINIS-CL813 Datasheet
193Kb / 2P
Heavy cast aluminum top cover with integral LED heat dissipating pad
CL821 LUMINIS-CL821 Datasheet
368Kb / 3P
Heavy cast aluminum top cover with embedded heat sink
CL843 LUMINIS-CL843 Datasheet
579Kb / 3P
Heavy cast aluminum top cover with embedded heat sink
EC640 LUMINIS-EC640 Datasheet
374Kb / 3P
Heavy cast aluminum cover with integral LED heat dissipating pad
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com