Electronic Components Datasheet Search
  English  ▼

X  

SP2 Datasheet(PDF) 2 Page - Radiometrix Ltd

Part # SP2
Description  SpacePort Evaluation Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

SP2 Datasheet(HTML) 2 Page - Radiometrix Ltd

  SP2 Datasheet HTML 1Page - Radiometrix Ltd SP2 Datasheet HTML 2Page - Radiometrix Ltd SP2 Datasheet HTML 3Page - Radiometrix Ltd SP2 Datasheet HTML 4Page - Radiometrix Ltd SP2 Datasheet HTML 5Page - Radiometrix Ltd SP2 Datasheet HTML 6Page - Radiometrix Ltd SP2 Datasheet HTML 7Page - Radiometrix Ltd SP2 Datasheet HTML 8Page - Radiometrix Ltd SP2 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Radiometrix Ltd
SpacePort Evaluation Kit Manual
page 2
1. Standalone Operation
This mode selects the internal diagnostics modes built into the RPC, FRPC or SP2.
Set-up
• Connect the 1/4 wavelength antenna into the antenna terminal on the evaluation board. Plug the
SP2 into the DIL socket marked SpacePort. RPC/FRPC should be plugged in with RPC/FRPC IC
facing the Evaluation Kit and shielding can or module facing the other way.
• Connect a 7.5VDC-24VDC supply or 9V battery to the supply input terminals and slide the power
switch to ON position.
• Put the DEBUG jumper on and press 'Reset'
• The Hex switch selects the required debug mode 0 to 8. A reset is not required after a mode change.
Digital Storage Oscilloscope probes can be connected to TXD/AF, TX, RX to monitor data transmission
to and from RF circuit. Probes can be connected to TXR, TXA, RXR, RXA and D3:D0 data lines to
monitor data upload/download from/to Host/PC.
1.1 Diagnostic Modes
Mode
Name
Function
0
RX-ON
Preamble detector ON (SIGNAL LED lit = valid preamble detected)
1
RX-PULSE
10ms on: 10ms off, preamble detector on SIGNAL LED
2
TX-ON-PRE
Preamble modulation – transmit continuous preamble
3
TX-ON-SQ
100Hz square wave modulation, for TX testing using spectrum analyser,
etc.
4
TX-ON-255
random 160kbps data for eye diagram tests, sync on RXR
5
TX-PULSE
Preamble bursts (EE 01h setting): 10ms OFF, RX lock in tests
6
ECHO
Transponder mode, unit re-transmits any valid packets received
7
RADAR
Send ASCII test packet “RADIOMETRIX / TEST PACKET WITH 60
DATA BYTES / RPC32 V3.0 XX” and listen for echo. XX is packet number
8
SELF-TEST
Local loop test, TX ! RX (OK on RXR). Not available in SP2
Mode 0 - Preamble Detector
In this mode, receiver circuit is continuously powered up (RX LED on) and if preamble, 80kHz
or 160kbps square wave signal is detected the SIGNAL line is pulled low lighting the SIGNAL
LED to indicate valid Preamble is detected. RXR will also be pulled low lighting the OK LED to
indicate a pass.
If the RESET jumper is inserted, then the internal Fast Radio Packet Controller will be disable
enabling the internal BiM2 equivalent receiver circuit to function independently.
Mode 1 - Pulsed Receiver
Receiver is switched on for 10ms and SP2 checks for preamble. If preamble is detected the
SIGNAL line is pulled low. This will light up the SIGNAL LED. If not, the Receiver is turned off
for 10ms and the process is repeated. OK LED will also light up to indicate a pass. This mode
can be used to test the power up time and settling time of the receiver circuit.
Mode 2 - Transmit Preamble Modulation
Transmitter is turned on continuously and preamble (160kbps square wave) is transmitted. This
complement mode can be used with Mode 0 as a pair.
If the RESET jumper is inserted, then the internal Fast Radio Packet Controller will be disable
enabling the internal BiM2 equivalent transmitter circuit to function independently.
Mode 3 - Transmit 100Hz (200bps) square wave modulation
Transmitter is turned on continuously and 100Hz square wave signal is transmitted which can
be used to estimate the FM deviation and power levels of the RF transmitter circuit using a
spectrum analyser.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com