Electronic Components Datasheet Search
  English  ▼

X  

SF-1206FP300 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SF-1206FP300
Description  Fast Acting Precision Surface Mount Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-1206FP300 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SF-1206FP300 Datasheet HTML 1Page - Bourns Electronic Solutions SF-1206FP300 Datasheet HTML 2Page - Bourns Electronic Solutions SF-1206FP300 Datasheet HTML 3Page - Bourns Electronic Solutions SF-1206FP300 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
n
Portablememory
n
LCDmonitors
n
Diskdrives
n
PDAs
n
Digitalcameras
n
DVDs
n
Cellphones
n
Rechargeablebatterypacks
n
Batterychargers
n
Settopboxes
n
Industrialcontrollers
SF-1206FPSeries-FastActingPrecisionSurfaceMountFuses
Solder Reflow Recommendations
Peak: 250 +0/-5 °C
230 °C or higher
PRE-HEATING ZONE
SOLDERING ZONE
HEATING TIME
180 °C
PEAK: 250 +0/-5 °C, 5 seconds
PRE-HEATING ZONE: 150 to 180 °C, 90 ± 30 seconds
SOLDERING ZONE: 230 °C or higher, 30 ± 10 seconds
250
200
150
100
50
150 °C
90 ± 30 Seconds
30 ± 10 Seconds
Peak: 250 +0/-5 °C
230 °C or higher
PRE-HEATING ZONE
SOLDERING ZONE
HEATING TIME
180 °C
PEAK: 250 +0/-5 °C, 5 seconds
PRE-HEATING ZONE: 150 to 180 °C, 90 ± 30 seconds
SOLDERING ZONE: 230 °C or higher, 30 ± 10 seconds
250
200
150
100
50
150 °C
90 ± 30 Seconds
30 ± 10 Seconds
Construction & Material Content
OVERCOAT
Sn PLATING
CERAMIC SUBSTRATE
FUSE ELEMENT
Cu / Ni PLATING
SinglFuse™SF-1206FPSeriesApplications
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Product Dimensions
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Thermal Derating Curve
120
110
100
90
80
-20
02040
AMBIENT TEMPERATURE (°C)
60
80
100
120
PACKAGING: 5,000 pcs./reel
3.1 ± 0.1
(.122 ± .004)
0.5 ± 0.3
(.020 ± .012)
0.5 ± 0.3
(.020 ± .012)
2.03
(.080)
0.5 ± 0.2
(.020 ± .008)
0.5 ± 0.2
(.020 ± .008)
0.6 ± 0.1
(.024 ± .004)
1.55 ± 0.1
(.061 ± .004)
3.81
(.150)
1.27
(.050)
3.1 ± 0.1
(.122 ± .004)
0.5 ± 0.3
(.020 ± .012)
0.5 ± 0.3
(.020 ± .012)
2.03
(.080)
0.5 ± 0.2
(.020 ± .008)
0.5 ± 0.2
(.020 ± .008)
0.6 ± 0.1
(.024 ± .004)
1.55 ± 0.1
(.061 ± .004)
3.81
(.150)
1.27
(.050)
3.1 ± 0.1
(.122 ± .004)
0.5 ± 0.3
(.020 ± .012)
0.5 ± 0.3
(.020 ± .012)
2.03
(.080)
0.5 ± 0.2
(.020 ± .008)
0.5 ± 0.2
(.020 ± .008)
0.6 ± 0.1
(.024 ± .004)
1.55 ± 0.1
(.061 ± .004)
3.81
(.150)
1.27
(.050)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com