Electronic Components Datasheet Search
  English  ▼

X  

351007 Datasheet(PDF) 2 Page - Lumberg

Part # 351007
Description  RAST 2.5 connectors, pitch 2.5/5.0 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

351007 Datasheet(HTML) 2 Page - Lumberg

  351007 Datasheet HTML 1Page - Lumberg 351007 Datasheet HTML 2Page - Lumberg 351007 Datasheet HTML 3Page - Lumberg 351007 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
35 3510
02/2018
2
keying example with closed sides
Environmental conditions
Temperature range
-40 °C/+130 °C 1
1
upper limit temperature (insulating body) RTI (electrical) of the UL Yellow Card
Materials
Insulating body
PBT, V-0 according to UL94 – 3510
(S...V...)
PA, V-2 according to UL94 – 3510
M12(S...V...) 1
Contact spring
CuSn, tin-plated – 3510 (M...S...)
CuSn, tin-plated (Sn/Ag), 2-9
poles – 3510 (M...S...)V03
CuSn, pre-nickel and gold-plated –
3510 (M...S...)V102
1
M12: component glow wire resistant (GWT 750 °C), testing acc. to IEC 60695-2-11, assessment acc.
to IEC 60335-1 (flame < 2 s)
Mechanical data
Mating with
printed circuit board 1.5 ± 0.14 mm
Insertion force/contact
≤ 4,0 N
Withdrawal force/contact
≥ 0,5 N
Keying proposals
at www.lumberg.com �
at www.lumberg.com �
Connectable conductors for IDT area
Construction
discrete conductor, notched flat
cable 2.5 mm
Section min.
0,14 mm²
Section max.
0,38 mm²
Insulation diameter
≤ 1,6 mm
Approved cables
at www.lumberg.com �
at www.lumberg.com �
Electrical data (at Tamb 20 °C)
Contact resistance
≤ 5 mΩ
Rated current
4 A (T<sub>U</sub> 60 °C)
2 A (T<sub>U</sub> 100 °C)
Rated voltage
32 V AC
Material group
IIIa (IEC)/2 (UL) (CTI ≥ 250)
Creepage distance
0,6 mm
Clearance
0,6 mm
Insulation resistance
> 1 GΩ
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com