Electronic Components Datasheet Search
  English  ▼

X  

3513 Datasheet(PDF) 1 Page - Lumberg

Part # 3513
Description  RAST 2.5 connectors, pitch 2.5/5.0 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

3513 Datasheet(HTML) 1 Page - Lumberg

  3513 Datasheet HTML 1Page - Lumberg 3513 Datasheet HTML 2Page - Lumberg 3513 Datasheet HTML 3Page - Lumberg 3513 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
35 3513
02/2018
1
RAST 2.5 connectors, pitch 2.5/5.0 mm
RAST 2.5 connector for direct mating, insulation
displacement technology (IDT), with locking on printed
circuit board by means of lateral locking hooks, with
keying rib, for individual conductors
contact pitch 5.0 mm
Approvals:
PS
Q
K
U A
R
L
A
I
M
T Y
E N
E C
MAT
R
I
I
O
F
N
N
D
O
E
C
L
E
A
D
F
N
A
O
B
IT
PS
Q
K
U A
R
L
A
I
M
T Y
E N
E C
MAT
R
I
I
O
F
N
N
D
O
E
C
L
E
A
D
F
N
A
O
B
IT
of 4


Similar Part No. - 3513

ManufacturerPart #DatasheetDescription
logo
Linear Technology
3513 LINER-3513 Datasheet
261Kb / 20P
2MHz High Current 5-Output Regulator for TFT-LCD Panels
logo
Lumberg
3513 LUMBERG-3513 Datasheet
109Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
Unisonic Technologies
3513 UTC-3513 Datasheet
272Kb / 12P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513 Datasheet
351Kb / 11P
PC POWER SUPPLY SUPERVISOR
logo
List of Unclassifed Man...
3513 ETC2-3513 Datasheet
115Kb / 1P
.250 (6.4) DIAMETER FUSE CLIPS
More results

Similar Description - 3513

ManufacturerPart #DatasheetDescription
logo
Lumberg
3512-1 LUMBERG-3512-1_18 Datasheet
403Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3515-2 LUMBERG-3515-2 Datasheet
523Kb / 5P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3516-2 LUMBERG-3516-2 Datasheet
544Kb / 5P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3517-4 LUMBERG-3517-4 Datasheet
584Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3520-2 LUMBERG-3520-2_18 Datasheet
619Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3546 LUMBERG-3546_18 Datasheet
659Kb / 3P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3541-1 LUMBERG-3541-1_18 Datasheet
594Kb / 3P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3523-2 LUMBERG-3523-2 Datasheet
543Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
3522-1 LUMBERG-3522-1_18 Datasheet
446Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
352300 LUMBERG-352300 Datasheet
492Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com