| Electronic Components Datasheet Search |
|
XR68C192 Datasheet(PDF) 21 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XR68C192 Datasheet(HTML) 21 Page - Exar Corporation |
|
21 / 32 page ![]() XR68C92/192 21 Rev. P1.10 OP3 output select 0 0 = The complement of OPR 0 1 = C/T Output 1 1 0 = TxBClk1-Transmit B 1X clock 1 1 = RxBClk1- Receive B 1X clock If OP3 is to be used for the timer output, Users should program the counter/timer for timer mode (ACR Bit-6 = 1), initialize the counter/timer pre-load registers (CTUR and CTLR), and the start counter command issued before setting OPCR Bits 3-2 = 01. OP4 output select 0 = The complement of OPR 1 = -RxARDY/-RxAFULL OP5 output select 0 = The complement of OPR 1 = -RxBRDY/-RxBFULL OP6 output select 0 = The complement of OPR 1 = -TxARDY OP7 output select 0 = The complement of OPR 1 = -TxBRDY Output Port Register (OPR) All bits, unless programmed for alternate function, can be set high or low individually: 0 = Sets output port high 1 = Sets output port low For example, setting bit-4 to 1 will set OP4 low. AUXILIARY CONTROL REGISTER (ACR) ACR Bits 3-0. This field selects which bits of the input port change register (IPCR) cause the input change bit in the interrupt status register (ISR Bit-7) to be set. 0 = Disabled 1 = Enabled ACR Bits 6-4. Counter/Timer Mode and Clock Source. Should only be altered while the C/T is not in use (stopped if in counter mode, output and/or interrupt masked if in timer mode). MODE CLOCK SOURCE 0 0 0 Counter External (IP2) 0 0 1 Counter TXAClk1-Transmit A 1X clock 0 1 0 Counter TXBClk1-Transmit B 1X clock 0 1 1 Counter Crystal or External Clock (XTAL1/Clk) Divided by 16 1 0 0 Timer External (IP2) 1 0 1 Timer External (IP2) Divided by 16 1 1 0 Timer Crystal or External Clock (XTAL1/Clk) 1 1 1 Timer Crystal or External Clock (XTAL1/Clk) Divided by 16 ACR Bit-7 Baud rate table Select. Should only be changed after both channels have been reset and are disabled. 0 = Set 1 1 = Set 2 INPUT PORT CHANGE REGISTER (IPCR) IP Level Bits 3-0. 0 = Low 1 = High IP Delta Bits 7-4. 0 = No 1 = Yes INTERRUPT STATUS REGISTER (ISR) This register provides the status of all potential interrupt sources. The contents of this register are logically “AND”-ed with the contents of the interrupt mask regis- ter, and the results are "NOR"-ed to produce the -INT output. All active interrupt sources are visible by reading the ISR, regardless of the contents of the interrupt mask register. Reading the ISR has no effect on any interrupt source. Each active interrupt source must be cleared in a source-specific fashion to clear the ISR. All interrupt sources are cleared when the XR68C92/192 is reset. 4 ISR Bit-0. Transmit ready A. This bit is the channel A equivalent of ISR Bit-4. ISR Bit-1. Receive ready A or FIFO full. The function of this bit is |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |