Electronic Components Datasheet Search
  English  ▼

X  

XR68C92IP Datasheet(PDF) 5 Page - Exar Corporation

Part # XR68C92IP
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR68C92IP Datasheet(HTML) 5 Page - Exar Corporation

  XR68C92IP Datasheet HTML 1Page - Exar Corporation XR68C92IP Datasheet HTML 2Page - Exar Corporation XR68C92IP Datasheet HTML 3Page - Exar Corporation XR68C92IP Datasheet HTML 4Page - Exar Corporation XR68C92IP Datasheet HTML 5Page - Exar Corporation XR68C92IP Datasheet HTML 6Page - Exar Corporation XR68C92IP Datasheet HTML 7Page - Exar Corporation XR68C92IP Datasheet HTML 8Page - Exar Corporation XR68C92IP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
XR68C92/192
5
Rev. P1.10
SYMBOL DESCRIPTION (* 44 TQFP Package)
Symbol
Pin
Signal
Pin Description
44
40
44*
type
OP5
16
14
9
O
Multi-purpose output. General purpose output or one of the
following functions can be selected for this output pin by
programming the Output Port Configuration Register bit 5:
-RxBRDY - Receive ready signal (Open drain output)
-RxBFULL - Receive FIFO full signal (Open drain output)
OP6
29
26
24
O
Multi-purpose output. General purpose output or Transmit
A holding register empty interrupt (-TxARDY Open drain
output).
OP7
17
15
10
O
Multi-purpose output. General purpose output or Transmit
B holding register empty interrupt (-TxBRDY Open drain
output).
A1-A4
2,4,
1,3,
40,42,
6,7
5,6
44,1
I
Address select lines. To select internal registers.
XTAL1
36
32
30
I
Crystal input 1 or external clock input. A crystal can be
connected to this pin and XTAL2 pin to utilize the internal
oscillator circuit. An external clock can be used to clock
internal circuit and baud rate generator for custom transmis-
sion rates.
XTAL2
37
33
31
O
Crystal input 2 or buffered clock output. See XTAL1.
-RESET
38
34
32
I
Master reset. (active low) A low on this pin will reset all the
outputs and internal registers. The transmitter output and
the receiver input will be disabled during reset time.
GND
22
20
16,17
Pwr
Signal and power ground.
-INT
24
21
18
O
Interrupt output (open drain active low) This pin goes low upon
occurrence of one or more of eight maskable interrupt condi-
tions (when enabled by the interrupt mask register) . CPU can
read the interrupt status register to determine the interrupting
condition(s). This output requires a pull-up resistor.
IP0
8
7
2
I
Multi-purpose input or Channel A Clear-To-Send (-CTSA
active low).
IP1
5
4
43
I
Multi-purpose input or Channel B Clear-To-Send (-CTSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com