Electronic Components Datasheet Search
  English  ▼

X  

ACE729C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE729C
Description  4A, 16V High Efficiency Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE729C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE729C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE729C
4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
1
Description
The ACE729C is a wide input range, high-efficiency, DC-to- DC step-down switching regulator, capable
of delivering up to 4A of output current. Current mode PWM control allows the use of small external
components, such as ceramic input and output caps, as well as small inductors, while still providing low
output ripples. On top of the integrated internal synchronous rectifier that eliminates external Schottky
diode, ACE729C also employs a proprietary control scheme that switches the device into a power save
mode during light load, thereby extending the range of high efficiency operation. Therefore, ACE729C is a
much superior solution in comparison to other competitions in terms of efficiency and cost. Overall,
ACE729C is a highly efficient and robust solution for DC-DC step-down applications that requires wide
input ranges.
Features
Wide Input Operating Range from 4.5V to 16V
High Efficiency: Up to 95% at Light Load
Capable of Delivering 4A
No external Schottky Diode Needed
Inductor Short Circuit Protection
Current Mode Control
0.923V Reference for Low Output Voltages
Logic Control Shutdown
Thermal Shutdown and UVLO
Available in ESOP8 package
Application
LCD TVs
Notebook computers
FPGA power supplies
LED drivers
Absolute Maximum Ratings
Parameter
Value
Input Voltage
-0.3V to 17V
SW.EN Voltage
-0.3V to VIN +0.3V
BST Voltage
-0.3V to SW+6V
FB Voltage
-0.3V to 6V
SW to ground current
Internally limited
Ambient Temperature(Ta)
-40
°C - 85°C
Storage Temperature(Ts)
-55
°C - 150°C
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may
affect device reliability.


Similar Part No. - ACE729C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE729E ACE-ACE729E Datasheet
391Kb / 8P
3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE729C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2207 MPS-MP2207 Datasheet
541Kb / 14P
16V, 4A, 1.3MHz Synchronous Step-Down Converter
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP2214 MPS-MP2214 Datasheet
351Kb / 12P
16V, 4A, 600kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8034 BELLING-BL8034 Datasheet
710Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP2234S MPS-MP2234S Datasheet
722Kb / 19P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1488C HMSEMI-HM1488C Datasheet
877Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
logo
AiT Semiconductor Inc.
A7240 AITSEMI-A7240 Datasheet
463Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com