Electronic Components Datasheet Search
  English  ▼

X  

FAN2002 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FAN2002
Description  1A High-Efficiency Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN2002 Datasheet(HTML) 3 Page - ON Semiconductor

  FAN2002 Datasheet HTML 1Page - ON Semiconductor FAN2002 Datasheet HTML 2Page - ON Semiconductor FAN2002 Datasheet HTML 3Page - ON Semiconductor FAN2002 Datasheet HTML 4Page - ON Semiconductor FAN2002 Datasheet HTML 5Page - ON Semiconductor FAN2002 Datasheet HTML 6Page - ON Semiconductor FAN2002 Datasheet HTML 7Page - ON Semiconductor FAN2002 Datasheet HTML 8Page - ON Semiconductor FAN2002 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
www.fairchildsemi.com
FAN2001/FAN2002 Rev. 1.0.2
Pin Assignment
Figure 2. Pin Assignment
Pin Description
FAN2001 (3x3mm 6-Lead MLP)
FAN2002 (3x3mm 6-Lead MLP)
Pin No.
Pin Name
Pin Description
P1
AGND
Analog Ground. P1 must be soldered to the PCB ground.
1VIN
Supply Voltage Input.
2
PGND
Power Ground. This pin is connected to the internal MOSFET switches. This pin must be
externally connected to AGND.
3EN
Enable Input. Logic high enables the chip and logic low disables the chip, reducing the supply
current to less than 1µA. Do not float this pin.
4
FB
Feedback Input. Adjustable voltage option, connect this pin to the resistor divider.
5NC
No Connection Pin.
6SW
Switching Node. This pin is connected to the internal MOSFET switches.
Pin No.
Pin Name
Pin Description
P1
AGND
Analog Ground. P1 must be soldered to the PCB ground.
1FB
Feedback Input. Adjustable voltage option, connect this pin to the resistor divider.
2
PGND
Power Ground. This pin is connected to the internal MOSFET switches. This pin must be exter-
nally connected to AGND.
3SW
Switching Node. This pin is connected to the internal MOSFET switches.
4
PVIN
Supply Voltage Input. This pin is connected to the internal MOSFET switches.
5VIN
Supply Voltage Input.
6EN
Enable Input. Logic high enables the chip and logic low disables the chip, reducing the supply
current to less than 1µA. Do not float this pin.
V
IN
PGND
EN
FB
SW
NC
1
2
3
6
5
4
P1
(AGND)
FB
PGND
SW
PV
IN
EN
V
IN
1
2
3
6
5
4
P1
(AGND)
Top View
3x3mm 6-Lead MLP
FAN2001
FAN2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com