Electronic Components Datasheet Search
  English  ▼

X  

FAN2002MPX Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAN2002MPX
Description  1A High-Efficiency Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN2002MPX Datasheet(HTML) 2 Page - ON Semiconductor

  FAN2002MPX Datasheet HTML 1Page - ON Semiconductor FAN2002MPX Datasheet HTML 2Page - ON Semiconductor FAN2002MPX Datasheet HTML 3Page - ON Semiconductor FAN2002MPX Datasheet HTML 4Page - ON Semiconductor FAN2002MPX Datasheet HTML 5Page - ON Semiconductor FAN2002MPX Datasheet HTML 6Page - ON Semiconductor FAN2002MPX Datasheet HTML 7Page - ON Semiconductor FAN2002MPX Datasheet HTML 8Page - ON Semiconductor FAN2002MPX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FAN2001/FAN2002 Rev. 1.0.2
1
www.fairchildsemi.com
April 2005
©2005 Fairchild Semiconductor Corporation
FAN2001/FAN2002
1A High-Efficiency Step-Down DC-DC Converter
Features
■ 96% Efficiency, Synchronous Operation
■ Adjustable Output Voltage Options from 0.8V to VIN
■ 2.5V to 5.5V Input Voltage Range
■ Up to 1A Output Current
■ Fixed Frequency 1.3MHz PWM Operation
■ High Efficiency Power Save Mode
■ 100% Duty Cycle Low Dropout Operation
■ Soft Start
■ Output Over-Voltage Protection
■ Dynamic Output Voltage Positioning
■ 25µA Quiescent Current
■ Thermal Shutdown and Short Circuit Protection
■ Pb-Free 3x3mm 6-Lead MLP Package
Applications
■ Pocket PCs, PDAs
■ Cell Phones
■ Battery-Powered Portable Devices
■ Digital Cameras
■ Hard Disk Drives
■ Set-Top-Boxes
■ Point-of-Load Power
■ Notebook Computers
■ Communications Equipment
Description
Designed for use in battery-powered applications, the FAN2001/
FAN2002 is a high-efficiency, low-noise synchronous PWM cur-
rent mode and Pulse Skip (Power Save) mode DC-DC con-
verter. It can provide up to 1A of output current over a wide input
range from 2.5V to 5.5V. The output voltage can be externally
adjusted over a wide range of 0.8V to 5.5V by means of an
external voltage divider.
At moderate and light loads, pulse skipping modulation is used.
Dynamic voltage positioning is applied, and the output voltage is
shifted 0.8% above nominal value for increased headroom dur-
ing load transients. At higher loads the system automatically
switches over to current mode PWM control, operating at 1.3
MHz. A current mode control loop with fast transient response
ensures excellent line and load regulation. To achieve high effi-
ciency and ensure long battery life, the quiescent current is
reduced to 25µA in Power Save mode, and the supply current
drops below 1µA in shut-down mode. The FAN2001/FAN2002 is
available in a 3x3mm 6-lead MLP package.
Typical Application
Figure 1. Typical Application
1
2
3
6
5
4
FB
PGND
SW
PVIN
VIN
EN
P1
(AGND)
L1
R2
R1
VOUT
2 x 10
µF
3.3
µH
10
µF
10K
Ω
5K
Ω
1.2V (1A)
FAN2002
2 x 10
µF
10
µF
V
OUT
EN
SW
C
IN
C
OUT
1.2V (1A)
1
2
3
6
5
4
FB
PGND
VIN
NC
P1
(AGND)
3.3
µH
R1
10K
Ω
5K
Ω
R2
FAN2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com