Electronic Components Datasheet Search
  English  ▼

X  

1040887 Datasheet(PDF) 5 Page - SICK AG

Part # 1040887
Description  INDUCTIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1040887 Datasheet(HTML) 5 Page - SICK AG

  1040887 Datasheet HTML 1Page - SICK AG 1040887 Datasheet HTML 2Page - SICK AG 1040887 Datasheet HTML 3Page - SICK AG 1040887 Datasheet HTML 4Page - SICK AG 1040887 Datasheet HTML 5Page - SICK AG 1040887 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IME08-04NPSZW2K | IME
INDUCTIVE PROXIMITY SENSORS
Recommended accessories
Other models and accessories
www.sick.com/IME
Brief description
Type
Part no.
Universal bar clamp systems
Universal bar clamp for mounting bars with 12 mm diameter, Zinc diecast, without
mounting plate and screws
BEF-KHS-KH3
5322626
Mounting brackets and plates
Mounting plate for M8 sensors, steel, zinc coated, without mounting hardware
BEF-WG-M08
5321722
Mounting bracket for M8 sensors, steel, zinc coated, without mounting hardware
BEF-WN-M08
5321721
Terminal and alignment brackets
Clamping block for round sensors M8, without fixed stop, plastic (PA12), glass-fiber rein-
forced, mounting hardware included
BEF-KH-M08
2051477
Clamping block for round sensors M8, with fixed stop, plastic (PA12), glass-fiber rein-
forced, mounting hardware included
BEF-KHF-M08
2051478
2018-03-05 11:41:14 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com