Electronic Components Datasheet Search
  English  ▼

X  

Z86131 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z86131
Description  NTSC LINE 21 DECODER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86131 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z86131 Datasheet HTML 1Page - Zilog, Inc. Z86131 Datasheet HTML 2Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
217
1
Z86129/130/131
1
NTSC LINE 21 DECODER
FEATURES
s
Complete Stand-Alone Line 21 Decoder for Closed-
Captions and Extended Data Services (XDS).
s
Preprogrammed to Provide Full Compliance with EIA-
608 Specifications for Extended Data Services.
s
Automatic Extraction and Serial Output of Special XDS
Packets such as Time of Day, Local Time Zone, and
Program Rating (V-Chip).
s
Cost-Effective Solution for NTSC Violence Blocking
inside Picture-in-Picture (PiP) Windows.
s
Minimal
Communications
and
Control
Overhead
Provides Simple Implementation of Violence Block,
Closed Caption, and Auto Clock Set Features.
s
Programmable, Full Screen On-Screen Display (OSD)
for Creating OSD or Captions inside a Picture-in-Picture
(PiP) Window (Z86129 only).
s
I
2C Serial Data and Control Communication
s
User-Programmable Horizontal Display Position for
easy OSD Centering and Adjustment (Z86129 only).
GENERAL DESCRIPTION
The Z86129/130/131 is a stand-alone integrated circuit,
capable of processing Vertical Blanking Interval (VBI) data
from both fields of the video frame in data conforming to
the transmission format defined in the Television Decoder
Circuits Act of 1990 and in accordance with the Electronics
Industry Association specification 608 (EIA-608).
The Line 21 data stream can consist of data from several
data channels multiplexed together. Field 1 has four data
channels, two Captions and two Text. Field 2 has five ad-
ditional data channels, two Captions, two Text and Extend-
ed Data Services (XDS). XDS data structure is defined in
EIA-608. The Z86129 can recover and display data trans-
mitted on any of these nine data channels. The Z86130
and Z86131 are derivatives of the Z86129 which can re-
cover XDS data and output the recovered data via the se-
rial port. The Z86130 and Z86131 do not have OSD capa-
bility, but are ideally suited for Line 21 data slicer
applications.
The Z86129/130/131 can recover and output to a host pro-
cessor via the I
2C serial bus any XDS data packet defined
in EIA-608. On-chip XDS filters are fully programmable,
enabling recovery of only those XDS data packets selected
by the user, making the Z86129/130 an ideal choice for im-
plementing NTSC Violence Block. The Z86131 is designed
especially for extracting XDS time information for Automat-
ic Clock-Set features in TVs, VCRs, and Set-Top boxes.
In addition, the Z86129/130 is ideally suited to monitor Line
21 of video displayed in a PiP window for violence blocking
purposes. A block diagram of the Z86129/130/131 is
shown in Figure 1.
Speed
Pin Count/
Standard
On-Screen Display
Automatic Data Extraction
Devices
(MHz)
Package Types
Temp. Range
& Closed Captioning
V-Chip
Time of Day
Z86129
12
18-Pin DIP, SOIC
0
° to +70°C
Yes
Yes
Yes
Z86130
12
18-Pin DIP, SOIC
0
° to +70°C
No
Yes
Yes
Z86131
12
18-Pin DIP, SOIC
0
° to +70°CNo
No
Yes


Similar Part No. - Z86131

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86131 ZILOG-Z86131 Datasheet
927Kb / 50P
NTSC LINE 21 DECIDER
Z86131 ZILOG-Z86131 Datasheet
3Mb / 62P
PRELIMINARY PRODUCT SPECIFICATION
Z8613112PSC ZILOG-Z8613112PSC Datasheet
927Kb / 50P
NTSC LINE 21 DECIDER
Z8613112SSC ZILOG-Z8613112SSC Datasheet
927Kb / 50P
NTSC LINE 21 DECIDER
More results

Similar Description - Z86131

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
PAL/NTSC decoder
February 1994
TDA3567 PHILIPS-TDA3567 Datasheet
106Kb / 15P
NTSC decoder
June 1986
TDA4570 PHILIPS-TDA4570 Datasheet
67Kb / 9P
NTSC decoder
August 1986
logo
Zilog, Inc.
Z86129 ZILOG-Z86129 Datasheet
927Kb / 50P
NTSC LINE 21 DECIDER
Z8622912 ZILOG-Z8622912 Datasheet
1Mb / 52P
NTSC LINE 21 CCD DECODER
logo
NXP Semiconductors
TDA3563 PHILIPS-TDA3563 Datasheet
495Kb / 10P
NTSC DECODER
December 1982
TDA3570 PHILIPS-TDA3570 Datasheet
209Kb / 6P
NTSC DECODER
October 1979
logo
Sony Corporation
CXA1218S SONY-CXA1218S Datasheet
704Kb / 15P
NTSC/PAL Decoder
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
NTSC/PAL Decoder
logo
Zilog, Inc.
Z8623012SSG ZILOG-Z8623012SSG Datasheet
1Mb / 61P
ADVANCED PROGRAM BLOCKING AND NTSC LINE 21 XDS DECODER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com