Electronic Components Datasheet Search
  English  ▼

X  

ACE5019A Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE5019A
Description  18V Low Current Consumption 350mA CMOS Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5019A Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE5019A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ACE5019A
18V Low Current Consumption 350mA CMOS Voltage Regulator
VER 1.1
5
Electrical Characteristics
(V
IN=VOUT+1V, C IN=COUT=1μF,
T
A=25
OC, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
(1)
Max
Units
Input Voltage
V
IN
2.5
18
V
Output Voltage Range
V
OUT
1.2
5
V
DC Output Accuracy
I
OUT=1mA
-2
2
%
-1
1
%
Dropout Voltage
V
dif
(2)
I
OUT=100mA,
V
OUT=3.3V
160
mV
Supply Current
I
SS
I
OUT=0A
2
5
μA
Line Regulation
∆V
OUT
V
OUT
✕
∆V
IN
I
OUT =10mA
V
OUT +1V≤VIN≤18V
0.01
0.3
%/V
Load Regulation
∆V
OUT
V
IN= VOUT +1V,
1mA≤I
OUT≤100mA
10
mV
Temperature Coefficient
∆V
OUT
V
OUT✕∆TA
I
OUT=10mA,
-40°C<T
A<125°C
50
ppm
Output Current Limit
I
LIM
V
OUT=0.5xVOUT(Normal),
V
IN = 5V
350
500
mA
Short Current
I
SHORT
V
OUT =VSS
25
mA
Power Supply Rejection
Ratio
PSRR
I
OUT=50mA
100Hz
80
dB
1kHz
65
10kHz
50
100kHz
45
Output Noise Voltage
VON
BW=10Hz to 100kHz
27 x V
OUT
μV
RMS
Thermal Shutdown
Temperature
TSD
150
°C
Thermal Shutdown
Hysteresis
∆TS
D
20
°C
Standby Current
ISTBY
CE = VSS
0.2
μA
CE "High" Voltage
VCE“H”
1.5
V
IN
V
CE "Low" Voltage
VCE“L”
0.3
V
C
OUT Auto-Discharge
Resistance
RDISCHRG
VIN=5V, VOUT=3.0V,
VCE=VSS
150
Ω
Note:
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
Vdif:The Difference Of Output Voltage And Input Voltage When Input Voltage Is Decreased Gradually Till
Output Voltage Equals To 98% Of VOUT (E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com