Electronic Components Datasheet Search
  English  ▼

X  

ZXTEM322 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXTEM322
Description  MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTEM322 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXTEM322 Datasheet HTML 1Page - Zetex Semiconductors ZXTEM322 Datasheet HTML 2Page - Zetex Semiconductors ZXTEM322 Datasheet HTML 3Page - Zetex Semiconductors ZXTEM322 Datasheet HTML 4Page - Zetex Semiconductors ZXTEM322 Datasheet HTML 5Page - Zetex Semiconductors ZXTEM322 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SEMICO NDUC TORS
SUMMARY
NPN —- VCEO= 80V; RSAT = 68m ; IC= 3.5A
DESCRIPTION
Packaged in the new innovative 2mm x 2mm MLP (Micro Leaded Package)
outline, these new 4
th generation low saturation dual PNP transistors offer
extremely low on state losses making them ideal for use in DC-DC circuits and
various driving and power management functions.
Additionally users gain several other key benefits:
Performance capability equivalent to much larger packages
Improved circuit efficiency & power levels
PCB area and device placement savings
Lower Package Height (0.9mm nom)
Reduced component count
FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (185mV max @1A)
• h
FE specified up to 5A
• I
C=-3.5A Continuous Collector Current
• 2mm x 2mm MLP
APPLICATIONS
• DC - DC Converters
• DC - DC Modules
• Power switches
• Motor control
DEVICE MARKING
• SE
ZXTEM322
ISSUE 1 - JUNE 2003
MPPSTM Miniature Package Power Solutions
80V NPN LOW SATURATION TRANSISTOR
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZXTEM322TA
7”
8mm
3000
ZXTEM322TC
13”
8mm
10000
ORDERING INFORMATION
Underside View
MLP322


Similar Part No. - ZXTEM322

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTEM322 ZETEX-ZXTEM322 Datasheet
209Kb / 6P
MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXTEM322 DIODES-ZXTEM322 Datasheet
411Kb / 6P
80V NPN LOW SATURATION TRANSISTOR
JUNE 2006
logo
Zetex Semiconductors
ZXTEM322TA ZETEX-ZXTEM322TA Datasheet
209Kb / 6P
MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXTEM322TA DIODES-ZXTEM322TA Datasheet
411Kb / 6P
80V NPN LOW SATURATION TRANSISTOR
JUNE 2006
logo
Zetex Semiconductors
ZXTEM322TC ZETEX-ZXTEM322TC Datasheet
209Kb / 6P
MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTEM322

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDAM832 ZETEX-ZXTDAM832 Datasheet
216Kb / 6P
MPPS Miniature Package Power Solutions DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXT2M322 ZETEX-ZXT2M322 Datasheet
179Kb / 6P
MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTAM322 ZETEX-ZXTAM322 Datasheet
180Kb / 6P
MPPS Miniature Package Power Solutions 15V NPN LOW SATURATION TRANSISTOR
ZXTBM322 ZETEX-ZXTBM322 Datasheet
177Kb / 6P
MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR
ZXTCM322 ZETEX-ZXTCM322 Datasheet
185Kb / 6P
MPPS??Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
ZXTDCM832 ZETEX-ZXTDCM832 Datasheet
214Kb / 6P
MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTEM322 ZETEX-ZXTEM322_06 Datasheet
209Kb / 6P
MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXT2M322 ZETEX-ZXT2M322_07 Datasheet
164Kb / 6P
MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTCM322 DIODES-ZXTCM322 Datasheet
400Kb / 6P
MPPS Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
JUNE 2002
ZXT2M322 DIODES-ZXT2M322 Datasheet
363Kb / 6P
MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
JANUARY 2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com