Electronic Components Datasheet Search
  English  ▼

X  

RB717F Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RB717F
Description  30 mA Schottky Barrier Diode 40 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RB717F Datasheet(HTML) 1 Page - Micro Commercial Components

  RB717F Datasheet HTML 1Page - Micro Commercial Components RB717F Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RB717F
30 mA
Schottky Barrier Diode
40 Volts
Features
•
High reliability
•
Low VF and Low IR
Maximum Ratings
Symbol
Parameter
Rating
Unit
VRM
Peak Reverse Voltage
40
V
IF
Forward Current
30
mA
IFSM
Peak Forward Surge Current
200
mA
TJ
Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
VF
Forward Voltage
(IF=1mAdc)
---
---
Vdc
IR
Reverse Current
(VR=10Vdc)
---
---
1
µAdc
CD
Diode Capacitance
(VR=1V, f=1MHz)
---
---
Revision: C
2013/09/24
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
5
PF
0.37
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.083
.096
2.10
2.45
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.006
.016
.15
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
Marking:3E
RB717F
www.mccsemi.com
1 of 2
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
Compliant. See ordering information)
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - RB717F

ManufacturerPart #DatasheetDescription
logo
Rohm
RB717F ROHM-RB717F Datasheet
199Kb / 4P
Schottky barrier diode
logo
TRANSYS Electronics Lim...
RB717F TEL-RB717F Datasheet
64Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Guangdong Kexin Industr...
RB717F KEXIN-RB717F Datasheet
42Kb / 1P
Schottky barrier diode
logo
Rohm
RB717F ROHM-RB717F Datasheet
170Kb / 4P
Schottky barrier diode
logo
Micro Commercial Compon...
RB717F MCC-RB717F Datasheet
168Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
More results

Similar Description - RB717F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB520S-40 MCC-RB520S-40 Datasheet
182Kb / 2P
200 mA Schottky Barrier Diode 40 Volts
RB715F MCC-RB715F Datasheet
177Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB715W MCC-RB715W Datasheet
196Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB717F MCC-RB717F Datasheet
168Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB520S-40-TP MCC-RB520S-40-TP Datasheet
196Kb / 2P
200 mA Schottky Barrier Diode 40 Volts
RB520S-40 MCC-RB520S-40_17 Datasheet
313Kb / 3P
200 mA Schottky Barrier Diode 40 Volts
RB551V-40 MCC-RB551V-40 Datasheet
321Kb / 3P
500 mA Schottky Barrier Diode 40 Volts
RB715F MCC-RB715F_13 Datasheet
139Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB715W MCC-RB715W_13 Datasheet
160Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
logo
SHIKUES Electronics
RB717F SKTECHNOLGY-RB717F Datasheet
248Kb / 1P
30 mA Schottky Barrier Diode 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com