Electronic Components Datasheet Search
  English  ▼

X  

RB751S-40LP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RB751S-40LP
Description  30 mA Schottky Rectifier 40 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RB751S-40LP Datasheet(HTML) 1 Page - Micro Commercial Components

  RB751S-40LP Datasheet HTML 1Page - Micro Commercial Components RB751S-40LP Datasheet HTML 2Page - Micro Commercial Components RB751S-40LP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RB751S-40LP
30 mA
Schottky Rectifier
40 Volts
Features
•
Small surface mounting type
A
B
D
C
L
H
E
G
F
MCC
TM
Micro Commercial Components
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone:(818) 701-4933
Fax: (818) 701-4939
www.mccsemi.com
Revision:
D
20
13/01/01
1 of
3
Maximum Ratings
Symbol
Rating
Rating
Unit
VR
DC Reverse Voltage
30
V
IO
Mean Rectifying Current
30
mA
IFSM
Peak Forward Surge Current*
150
mA
TJ
Junction Temperature
125
TSTG
Storage Temperature
-40 to +125
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltage
(IF=
1mAdc)
---
---
0.37
Vdc
IR
Reverse Current
(VR=30Vdc)
---
---
0.5
µAdc
SOD-882
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Marking: 5
_
+
VRM
Peak Reverse Voltage
40
V
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Suggested Solder
Pad Layout
(mm)
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.018
0.022
0.45
0.55
B
0.000
0.003
0.01
0.07
C
0.019REF.
0.470REF.
D
0.037
0.041
0.95
1.05
E
0.022
0.026
0.55
0.65
F
0.017 REF.
0.420 REF.
G
0.011
0.015
0.27
0.37
H
0.001 REF.
0.030 REF.
L
0.013
0.017
0.34
0.44
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - RB751S-40LP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB751S-40LP MCC-RB751S-40LP Datasheet
323Kb / 3P
30 mA Schottky Rectifier 40 Volts
More results

Similar Description - RB751S-40LP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB715F MCC-RB715F Datasheet
177Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB717F MCC-RB717F Datasheet
168Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB721Q-40 MCC-RB721Q-40 Datasheet
397Kb / 3P
30 mA Rectifier 40 Volts
RB751S-40LP MCC-RB751S-40LP Datasheet
323Kb / 3P
30 mA Schottky Rectifier 40 Volts
RB715F MCC-RB715F_13 Datasheet
139Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB715W MCC-RB715W_13 Datasheet
160Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB717F MCC-RB717F_13 Datasheet
135Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB721Q-40 MCC-RB721Q-40_13 Datasheet
257Kb / 3P
30 mA Rectifier 40 Volts
RB751S-40L2 MCC-RB751S-40L2 Datasheet
285Kb / 3P
30 mA Schottky Rectifier 40 Volts
BAS40LP MCC-BAS40LP Datasheet
530Kb / 3P
120 mA Schottky Rectifier 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com