Electronic Components Datasheet Search
  English  ▼

X  

MM74C941 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C941
Description  Octal Buffers/Line Receivers/ Line Drivers with TRI-STATE Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C941 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74C941 Datasheet HTML 1Page - National Semiconductor (TI) MM74C941 Datasheet HTML 2Page - National Semiconductor (TI) MM74C941 Datasheet HTML 3Page - National Semiconductor (TI) MM74C941 Datasheet HTML 4Page - National Semiconductor (TI) MM74C941 Datasheet HTML 5Page - National Semiconductor (TI) MM74C941 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd1 tpd0
Propagation Delay
VCC e 50V CL e 50 pF
70
140
ns
(Data IN to OUT)
VCC e 10V CL e 50 pF
35
70
ns
VCC e 50V CL e 150 pF
90
160
ns
VCC e 10V CL e 150 pF
45
90
ns
tIH tOH
Propagation Delay Output
RL e 1kX CL e 50 pF
Disable to Logic Level (from
VCC e 50V
100
200
ns
High Impedance State) (from a
VCC e 210V
55
110
ns
Logic Level)
tH1 tH0
Propagation Delay Output
RL e 1kX CL e 50 pF
Disable to Logic Level (from
VCC e 50V
100
200
ns
High Impedance State)
VCC e 10V
55
110
ns
tTHL tTLH
Transition Time
VCC e 50V CL e 50 pF
50
100
ns
VCC e 10V CL e 50 pF
30
60
ns
VCC e 50V CL e 150 pF
80
160
ns
VCC e 10V CL e 150 pF
50
100
ns
CPD
Power Dissipation Capacitance
(Note 3)
(Output Enabled per Buffer)
100
pF
(Output Disabled per Buffer)
10
pF
CIN
Input Capacitance
(Note 2)
(Any Input)
VIN e 0V f e 1 MHz
10
pF
TA e 25 C
CO
(Output Capacitance)
VIN e 0V f e 1 MHz
10
pF
(Output Disabled)
TA e 25 C
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics Application Note
AN-90
Truth Table
OD1
OD2
Input
Output
00
0
0
00
1
1
01
X
Z
10
X
Z
11
X
Z
1 e High
0 e Low
X e Don’t Care
Z e TRI-STATE
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com