Electronic Components Datasheet Search
  English  ▼

X  

MM58341 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58341
Description  High Voltage Display Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58341 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM58341 Datasheet HTML 1Page - National Semiconductor (TI) MM58341 Datasheet HTML 2Page - National Semiconductor (TI) MM58341 Datasheet HTML 3Page - National Semiconductor (TI) MM58341 Datasheet HTML 4Page - National Semiconductor (TI) MM58341 Datasheet HTML 5Page - National Semiconductor (TI) MM58341 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics TA eb40 Cto a 85 C VDD e 5V g05V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fC
Clock Input Frequency
(Notes 3 4)
800
kHz
tH
Clock Input High Time
300
ns
tL
Clock Input Low Time
300
ns
tDS
Data Input Setup Time
100
ns
tDH
Data Input Hold Time
100
ns
tES
Enable Input Setup Time
100
ns
tEH
Enable Input Hold Time
100
ns
tCDO
Data Output Clock Low to
CL e 50 pF
500
ns
Data Out Time
Note 2
Note that for timing purposes the signals ENABLE and BLANK can be considered to be totally independent of each other
Note 3
AC input waveform specification for test purpose tr s 20 ns tf s 20 ns f e 800 kHz 50% g10% duty cycle
Note 4
Clock input rise and fall times must not exceed 5 ms
Connection Diagrams
Dual-In-Line Package
TLF5603 – 2
Top View
Order Number MM58341N
See NS Package Number N40A
Plastic Chip Carrier
TLF5603 – 8
Top View
Order Number MM58341V
See NS Package Number V44A
Functional Description
This product is specifically designed to drive multiplexed or
non-multiplexed high voltage alphanumeric or dot matrix
vacuum fluorescent (VF) displays Character generation is
done externally in the microprocessor with a serial data
path to the display driver The MM58341 uses three signals
DATA IN CLOCK and ENABLE where ENABLE acts as an
external load signal Display blanking can be achieved by
means of the BLANKING CONTROL input and a logic ‘1’
will turn off all sections of the display A block diagram of
the MM58341 is shown in
Figure 1
Figure 2 shows the pinout of the MM58341 device where
output 1 (pin 18) is equivalent to bit 1 (ie the first bit of data
to be loaded into the shift register following ENABLE high)
A logic ‘1’ at the input will turn on the corresponding display
digitsegmentdot output
A significant reduction in discrete board components can be
achieved by use of the MM58341 because external pull-
down resistors are not required Due to the nature of the
output stage both its on and off impedance values vary as a
function of the display voltage applied However
Figures 3a
and
3b show that this output impedance will remain con-
stant for a fixed value of display voltage
Figure 4 demonstrates the critical timing requirements be-
tween CLOCK and DATA IN for the MM58341
To clear (reset) the display driver at power on or any time
the following flushing routine may be used With the enable
signal high clock in 32 zeroes Drive the enable signal low
and the display will be blank It is recommended to clear the
driver at power on
In
Figure 5 the ENABLE signal acts as an envelope and
only while this signal is at a logic ‘1’ does the circuit accept
CLOCK input signals Data is transferred and shifted in the
internal shift register on the rising clock edge ie
‘0’ – ‘1’
transition When the ENABLE signal goes low the contents
of the shift registers are latched and the display will show
new data During data transfer the display will show old
data DATA OUT is also provided on the MM58341 being
output on the falling edge At any time the display may be
blanked under processor control using the BLANKING
CONTROL input
Figure 6 shows a schematic diagram of a microprocessor-
based system where the MM58341 is used to provide the
grid drive for a 32-digit5x7dot matrix vacuum fluorescent
(VF) display The anode drive in this example is provided by
another member of the high voltage display driver family
namely the MM58348 which does not require an externally
generated load signal
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com