Electronic Components Datasheet Search
  English  ▼

X  

EC613 Datasheet(PDF) 1 Page - Lumins Inc.

Part # EC613
Description  Cast aluminum upper electrical housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

EC613 Datasheet(HTML) 1 Page - Lumins Inc.

  EC613 Datasheet HTML 1Page - Lumins Inc. EC613 Datasheet HTML 2Page - Lumins Inc. EC613 Datasheet HTML 3Page - Lumins Inc. EC613 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LUMINIS.COM
TYPE:
QUANTITY:
PROJECT:
CATALOG
NUMBER:
FIXTURE
WATTAGE
VOLTAGE
FINISH
OPTION
OPTION
OPTION
OPTION
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
MATERIALS
Eclipse Mini is made of corrosion resistant 356 aluminum alloy with a copper
(CU) content of less than 0.1%.
Light source is enclosed in a high impact white translucent UV stabilized acrylic
sealed diffuser. Increased impact protection with a set of aluminum louvers.
The lower cast aluminum housing fits with a 4” or 5” (102 or 127) pole and
contains all electrical controls on a removable tray.
ELECTRICAL
LED
DRIVER
Standard driver is 0-10V dimming-ready (dims to 10%) with:
120-277 multi-volt compatibility (50-60Hz), optional 347V
on request, minimum operating temperature of -30ºC/-22ºF,
output over voltage protection, output over current protection,
output short circuit protection with auto-recovery, and over
temperature protection (110ºC).
LED
Standard 4000K/80CRI. Optional 2700K, 3000K and 3500K.
Removable modular LED platform.
LIFE
60,000hrs L
86B50 (based on IESNA TM-21 Test Method and LM-80 data).
139,000hrs L
70B50 (calculated projection from LM-80 data).
FINISH
Five-stage preparation process includes preheating of cast aluminum
parts for air extraction. Polyester powder coating is applied through an
electrostatic process, and oven cured for long term finish.
MOUNTING
Maximum weight
: 9.11lbs (4.13kg)
Standard luminaire mounts on a 4” (102) or 5” (127) pole.
Alternate wall and pole attachments are proposed with high quality components
to meet multiple installation conditions.
CERTIFICATION
Tested to UL1598 and CSA 22.2 #250. ETL listed wet location.
Photometric testing performed by an independent laboratory in accordance
with IES LM-79-08 standards at 25ºC. Lumen depreciation in accordance with
IESNA LM80 standards. CE certification on request.
Rated IP65.
1
22.2”
(564)
20”
(508)
EC613
EPA: 0.97
8.7”
(221)
EC612
EPA: 0.91
EC612-EC6WS
EC613-EC6W
EC600 - SH
22.2”
(564)
EC612/EC613 SERIES
ECLIPSE MINI - LED
6” POST-TOP/WALL
3
1
2
6
7
4
1- Heavy cast aluminum top
cover with integral LED heat
dissipating pad.
2- One piece .090” (2.3) thick
hard aluminum top shade.
Underside surface is painted
white enamel to optimize light
performance (EC613 only).
3- Set of three aluminum louvers.
4- Set of 4 X 1/2” (13) solid
aluminum struts.
5- High impact white translucent
UV stabilized acrylic diffuser.
6- Cast aluminum upper
electrical housing.
7- Cast aluminum lower electrical
chamber housing.
5
EC612
EC613


Similar Part No. - EC613

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
EC610 LUMINIS-EC610 Datasheet
414Kb / 4P
Cast aluminum lower electrical housing
EC610-EC6WS LUMINIS-EC610-EC6WS Datasheet
414Kb / 4P
Cast aluminum lower electrical housing
EC611 LUMINIS-EC611 Datasheet
414Kb / 4P
Cast aluminum lower electrical housing
EC611-EC6W LUMINIS-EC611-EC6W Datasheet
414Kb / 4P
Cast aluminum lower electrical housing
logo
ECM Electronics Limited...
EC615 ECM-EC615 Datasheet
72Kb / 1P
Surface Mount Oscillator
More results

Similar Description - EC613

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR105 LUMINIS-SR105 Datasheet
987Kb / 4P
Cast aluminum ballast housing.
SR315 LUMINIS-SR315 Datasheet
972Kb / 4P
Cast aluminum driver housing.
SR620 LUMINIS-SR620 Datasheet
927Kb / 4P
Cast aluminum driver housing.
EC600 LUMINIS-EC600 Datasheet
413Kb / 4P
Cast aluminum upper electrical housing
EC602 LUMINIS-EC602 Datasheet
423Kb / 4P
Cast aluminum upper electrical housing
EC610 LUMINIS-EC610 Datasheet
414Kb / 4P
Cast aluminum lower electrical housing
EC800 LUMINIS-EC800 Datasheet
420Kb / 5P
Cast aluminum upper electrical housing
EC810 LUMINIS-EC810 Datasheet
351Kb / 4P
Cast aluminum upper electrical housing
EC812 LUMINIS-EC812 Datasheet
362Kb / 4P
Cast aluminum upper electrical housing
SR528 LUMINIS-SR528 Datasheet
466Kb / 2P
Cast aluminum driver housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com