Electronic Components Datasheet Search
  English  ▼

X  

EC641 Datasheet(PDF) 1 Page - Lumins Inc.

Part # EC641
Description  Heavy cast aluminum cover with integral LED heat dissipating pad
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

EC641 Datasheet(HTML) 1 Page - Lumins Inc.

  EC641 Datasheet HTML 1Page - Lumins Inc. EC641 Datasheet HTML 2Page - Lumins Inc. EC641 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
TYPE:
QUANTITY:
PROJECT:
CATALOG
NUMBER:
FIXTURE
WATTAGE
VOLTAGE
FINISH
OPTION
OPTION
OPTION
OPTION
MATERIALS
Eclipse Mini is made of corrosion resistant 356 aluminum alloy with a copper
(CU) content of less than 0.1%.
Cast aluminum heat sink to optimize heat management and luminaire
efficacy.
LED platform is mechanically secured and easily removable for maintenance
or upgrade.
EC640: Standard luminaire for general illumination without shade.
EC641: Includes a .090” thick hard aluminum shade. Underside surface is
painted white enamel to optimize light performance.
ELECTRICAL
LED
DRIVER
Standard driver is 0-10V dimming-ready (dims to 10%) with: 120-
277 multi-volt compatibility (50-60Hz), optional 347V on request,
minimum operating temperature of -30ºC/-22ºF, output over voltage
protection, output over current protection, output short circuit
protection with auto-recovery, and over temperature protection
(110ºC).
LED
Standard 4000K/80CRI. Optional 2700K, 3000K and 3500K.
Removable modular LED platform.
LIFE
60,000hrs L
86B50 (based on IESNA TM-21 Test Method and LM-80 data).
139,000hrs L
70B50 (calculated projection from LM-80 data).
FINISH
Five-stage preparation process includes preheating of cast aluminum
parts for air extraction. Polyester powder coating is applied through an
electrostatic process, and oven cured for long term finish.
MOUNTING
Maximum weight: 8.07lbs (3.66kg)
Mounts on a standard 4” (102) octagonal electrical box with 3 1/2” (89)
C/C mounting holes. On site conditions may require separate mounting (by
others).
CERTIFICATION
Tested to UL1598 and CSA 22.2 #250. ETL listed damp location.
Photometric testing performed by an independent laboratory in accordance
with IES LM-79-08 standards at 25ºC. Lumen depreciation in accordance with
IESNA LM80 standards. CE certification on request.
Rated IP44.
1
1- Standard heavy duty 45º hang straight
swivel, with 5” diameter (127) canopy and
universal mounting plate.
2- 7/8” diameter (22) X36” long (900). Precut
factory stems are available on request.
(Specify STM with desired length)
3- LED driver housing.
4- One piece .090” (2.3) thick hard aluminum
top shade. Underside surface is painted
white enamel to optimize light performance
(EC641 only).
5- Set of 4x 1/2” (13) solid aluminum struts.
6- High impact white translucent UV stabilized
acrylic diffuser.
7- Heavy cast aluminum cover with integral
LED heat dissipating pad.
EC640
EC641
EC640/EC641 SERIES
ECLIPSE MINI - LED
6” PENDANT
1
3
2
5
6
7
4
36”
(914)
8.7”
(221)
EC640
EPA: 0.7
EC641
EPA: 0.83
17.8”
(452)
20”
(508)


Similar Part No. - EC641

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
EC642 LUMINIS-EC642 Datasheet
392Kb / 3P
Set of three aluminum louvers
EC643 LUMINIS-EC643 Datasheet
392Kb / 3P
Set of three aluminum louvers
More results

Similar Description - EC641

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W110 LUMINIS-W110 Datasheet
491Kb / 2P
Heavy cast aluminum top cover with embedded heat sink.
W135 LUMINIS-W135 Datasheet
465Kb / 2P
Heavy cast aluminum top cover with embedded heat sink.
W140 LUMINIS-W140 Datasheet
912Kb / 2P
Heavy cast aluminum top cover with embedded heat sink.
CL613 LUMINIS-CL613 Datasheet
196Kb / 2P
Heavy cast aluminum top cover with integral LED heat dissipating pad
CL624 LUMINIS-CL624 Datasheet
209Kb / 2P
Heavy cast aluminum top cover with embedded heat sink
CL813 LUMINIS-CL813 Datasheet
193Kb / 2P
Heavy cast aluminum top cover with integral LED heat dissipating pad
CL821 LUMINIS-CL821 Datasheet
368Kb / 3P
Heavy cast aluminum top cover with embedded heat sink
CL843 LUMINIS-CL843 Datasheet
579Kb / 3P
Heavy cast aluminum top cover with embedded heat sink
EC869 LUMINIS-EC869 Datasheet
406Kb / 4P
Cast aluminum LED heat sink
MA30 LUMINIS-MA30 Datasheet
293Kb / 3P
Cast aluminum LED heat sink
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com