Electronic Components Datasheet Search
  English  ▼

X  

EC643 Datasheet(PDF) 1 Page - Lumins Inc.

Part # EC643
Description  Set of three aluminum louvers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

EC643 Datasheet(HTML) 1 Page - Lumins Inc.

  EC643 Datasheet HTML 1Page - Lumins Inc. EC643 Datasheet HTML 2Page - Lumins Inc. EC643 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
TYPE:
QUANTITY:
PROJECT:
CATALOG
NUMBER:
FIXTURE
WATTAGE
VOLTAGE
FINISH
OPTION
OPTION
OPTION
OPTION
MATERIALS
Eclipse Mini is made of corrosion resistant 356 aluminum alloy with a copper
(CU) content of less than 0.1%.
Cast aluminum heat sink to optimize heat management and luminaire
efficacy.
LED platform is mechanically secured and easily removable for maintenance
or upgrade.
EC642: Standard luminaire for general illumination without shade. Includes
set of three aluminum louvers.
EC643: Includes a .090” thick hard aluminum shade. Underside surface is
painted white enamel to optimize light performance. Set of three aluminum
louvers.
ELECTRICAL
LED
DRIVER
Standard driver is 0-10V dimming-ready (dims to 10%) with:
120-277 multi-volt compatibility (50-60Hz), optional 347V on
request, minimum operating temperature of -30ºC/-22ºF, output
over voltage protection, output over current protection, output
short circuit protection with auto-recovery, and over temperature
protection (110ºC).
LED
Standard 4000K/80CRI. Optional 2700K, 3000K and 3500K.
Removable modular LED platform.
LIFE
60,000hrs L
86B50 (based on IESNA TM-21 Test Method and LM-80 data).
139,000hrs L
70B50 (calculated projection from LM-80 data).
FINISH
Five-stage preparation process includes preheating of cast aluminum
parts for air extraction. Polyester powder coating is applied through an
electrostatic process, and oven cured for long term finish.
MOUNTING
Maximum weight: 8.07lbs (3.66kg)
Mounts on a standard 4” (102) octagonal electrical box with 3 1/2” (89) C/C
mounting holes. On site conditions may require separate mounting (by others).
CERTIFICATION
Tested to UL1598 and CSA 22.2 #250. ETL listed damp location.
Photometric testing performed by an independent laboratory in accordance
with IES LM-79-08 standards at 25ºC. Lumen depreciation in accordance with
IESNA LM80 standards. CE certification on request.
Rated IP44.
1
1- Standard heavy duty 45º hang straight
swivel, with 5” diameter (127) canopy and
universal mounting plate.
2- 7/8” diameter (22) X36” long (900). Precut
factory stems are available on request.
(Specify STM with desired length)
3- LED driver housing.
4- One piece .090” (2.3) thick hard aluminum
top shade. Underside surface is painted
white enamel to optimize light performance
(EC643 only).
5- Set of 4x 1/2” (13) solid aluminum struts.
6- Set of three aluminum louvers.
7- High impact white translucent UV stabilized
acrylic diffuser.
8- Heavy cast aluminum cover with integral
LED heat dissipating pad..
EC642
EC643
EC642/EC643 SERIES
ECLIPSE MINI - LED
6” PENDANT
1
3
2
5
7
8
4
EC643
EPA: 0.88
17.8”
(452)
20”
(508)
36”
(914)
8.7”
(221)
EC642
EPA: 0.75
6


Similar Part No. - EC643

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
EC640 LUMINIS-EC640 Datasheet
374Kb / 3P
Heavy cast aluminum cover with integral LED heat dissipating pad
EC641 LUMINIS-EC641 Datasheet
374Kb / 3P
Heavy cast aluminum cover with integral LED heat dissipating pad
More results

Similar Description - EC643

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W730 LUMINIS-W730 Datasheet
1Mb / 4P
Set of two cast aluminum supporting struts.
W732 LUMINIS-W732 Datasheet
674Kb / 4P
Set of two cast aluminum supporting struts.
logo
STMicroelectronics
STEVAL-ISA161V1 STMICROELECTRONICS-STEVAL-ISA161V1 Datasheet
234Kb / 5P
Full set of protection features
November 2014 Rev 2
logo
Lumins Inc.
EC802 LUMINIS-EC802 Datasheet
434Kb / 5P
Set of three aluminum louvers
EC842 LUMINIS-EC842 Datasheet
377Kb / 3P
Set of three aluminum louvers
KR1503 LUMINIS-KR1503_16 Datasheet
625Kb / 3P
Set of four aluminum curved arms lens holders
TR2450 LUMINIS-TR2450 Datasheet
472Kb / 3P
Set of four cast aluminum perforated arms
TR1301 LUMINIS-TR1301_16 Datasheet
639Kb / 3P
Set of four aluminum perforated decorative arms
logo
Schneider Electric
KZ30 SCHNEIDER-KZ30 Datasheet
154Kb / 2P
M22 fixing nut - set of 5
Feb 10, 2022
logo
SparkFun Electronics
WRL_14147 SPARKFUN-WRL_14147 Datasheet
161Kb / 1P
UHF RFID Tag (Set of 5)
2/27/2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com