Electronic Components Datasheet Search
  English  ▼

X  

MN101C62F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MN101C62F
Description  The lower limit for operation guarantee for flash memory built-in type is 2.5 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101C62F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MN101C62F Datasheet HTML 1Page - Panasonic Semiconductor MN101C62F Datasheet HTML 2Page - Panasonic Semiconductor MN101C62F Datasheet HTML 3Page - Panasonic Semiconductor MN101C62F Datasheet HTML 4Page - Panasonic Semiconductor MN101C62F Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
MN101C62D, MN101C62F
Timer Counter
(Continue)
Timer counter 7 : 16-bit
× 1
(square-wave output, 16-bit PWM output (cycle / duty continuous variable), event count, synchronous output
evevt, pulse width measurement, input capture, generation of real time)
Clock source ····················· 1/1, 1/2, 1/4, 1/16 of system clock frequency; 1/1, 1/2, 1/4, 1/16 of OSC
oscillation clock frequency; 1/1, 1/2, 1/4, 1/16 of external clock input frequency
Interrupt source ················ coincidence with compare register 7 (2 lines)
Watchdog timer
Interrupt source ················ 1/65536, 1/262144, 1/1048576 of system clock frequency
Timer counter 8 : 16-bit
× 1
(square-wave output, 16-bit PWM output (cycle / duty continuous variable), event count, synchronous output
evevt, pulse width measurement, input capture, generation of real time)
Clock source ····················· 1/1, 1/2, 1/4, 1/16 of system clock frequency; 1/1, 1/2, 1/4, 1/16 of OSC
oscillation clock frequency; 1/1, 1/2, 1/4, 1/16 of external clock input frequency
Interrupt source ················ coincidence with compare register 7 (2 lines)
Watchdog timer
Interrupt source ················ 1/65536, 1/262144, 1/1048576 of system clock frequency
Serial Interface
Serial 0 : synchronous type/UART (full-duplex)
× 1
Clock source ····················· 1/2, 1/4 of system clock frequency; pulse output of timer counter 1 or 2;
1/2, 1/4, 1/16, 1/64 of OSC oscillation clock frequency
Serial 1 : synchronous type/UART (full-duplex)
× 1
Clock source ····················· 1/2, 1/4 of system clock frequency; pulse output of timer counter 2 or 3;
1/2,1/8 of timer counter 2 output;
1/2, 1/4, 1/16, 1/64 of OSC oscillation clock frequency
Serial 2 : synchronous type / single-master I2C
Clock source ····················· 1/2, 1/4 of system clock frequency; pulse output of timer counter 2 or 3;
1/2, 1/4, 1/8, 1/32 of OSC oscillation clock frequency
I/O Pins
68
• Common use • Specified pull-up resistor available • Input/output selectable (bit unit)
I/O
A/D Inputs
10-bit
× 8-ch. (with S/H)
Special Ports
Buzzer output, remote control carrier signal output, high-current drive port
Electrical Characteristics
Supply current
Limit
Symbol
Condition
min
typ
max
Unit
Parameter
IDD1
fosc = 20 MHz, VDD = 5 V
18
30
mA
IDD2
fx = 32 kHz, VDD = 3 V
30
60
µA
IDD3
fx = 32 kHz, VDD = 3 V, Ta = 25°C6
8
µA
IDD4
fx = 32 kHz, VDD = 3 V, Ta = 85°C30
µA
IDD5
VDD = 5 V, Ta = 25
°C2
µA
IDD6
VDD = 5 V, Ta = 85
°C50
µA
Operatingsupplycurrent
SupplycurrentatHALT
Supply current at STOP
See the next page for pin assignment and support tool.
MAD00020EEM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com