Electronic Components Datasheet Search
  English  ▼

X  

TS5MP645 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TS5MP645
Description  4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5MP645 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TS5MP645 Datasheet HTML 17Page - Texas Instruments TS5MP645 Datasheet HTML 18Page - Texas Instruments TS5MP645 Datasheet HTML 19Page - Texas Instruments TS5MP645 Datasheet HTML 20Page - Texas Instruments TS5MP645 Datasheet HTML 21Page - Texas Instruments TS5MP645 Datasheet HTML 22Page - Texas Instruments TS5MP645 Datasheet HTML 23Page - Texas Instruments TS5MP645 Datasheet HTML 24Page - Texas Instruments TS5MP645 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Frequency (Hz)
300000
1E+7
1E+8
1E+9
1E+10
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
D001
Bandwidth
21
TS5MP645
www.ti.com
SCDS385 – JANUARY 2018
Product Folder Links: TS5MP645
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curves
Figure 25. Differential Bandwidth
10 Power Supply Recommendations
When the TS5MP645 is powered off (VDD = 0 V), the I/Os of the device remains in a high-Z state. The crosstalk,
off-isolation, and leakage remain within the electrical Specifications. Power to the device is supplied through the
VDD pin. Decoupling capacitors of 100 nF and 2.2 µF are recommended on the supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com