Electronic Components Datasheet Search
  English  ▼

X  

DMP3026SFDF-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3026SFDF-7
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3026SFDF-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3026SFDF-7 Datasheet HTML 1Page - Diodes Incorporated DMP3026SFDF-7 Datasheet HTML 2Page - Diodes Incorporated DMP3026SFDF-7 Datasheet HTML 3Page - Diodes Incorporated DMP3026SFDF-7 Datasheet HTML 4Page - Diodes Incorporated DMP3026SFDF-7 Datasheet HTML 5Page - Diodes Incorporated DMP3026SFDF-7 Datasheet HTML 6Page - Diodes Incorporated DMP3026SFDF-7 Datasheet HTML 7Page - Diodes Incorporated DMP3026SFDF-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMP3026SFDF
Document number: DS38678 Rev. 1 - 2
2 of 8
www.diodes.com
August 2016
© Diodes Incorporated
DMP3026SFDF
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current (Note 6) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-8.6
-6.9
A
t<10s
TA = +25°C
TA = +70°C
ID
-10.3
-8.3
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
-50
A
Continuous Source-Drain Diode Current (Note 6)
TA = +25°C
IS
-2.0
A
Avalanche Current (Note 7) L = 0.1mH
IAS
-23
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
27
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.71
W
TA = +70°C
0.47
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
178
°C/W
t<10s
125
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.0
W
TA = +70°C
1.3
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
62
°C/W
t<10s
43
Thermal Resistance, Junction to Case (Note 6)
Steady State
RθJC
7.4
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1-inch square copper plate.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com