Electronic Components Datasheet Search
  English  ▼

X  

2CL2FL Datasheet(PDF) 1 Page - Anshan Leadsun Electronics Co., Ltd

Part # 2CL2FL
Description  High Voltage Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSUN [Anshan Leadsun Electronics Co., Ltd]
Direct Link  http://www.hv-semi.com/en/
Logo LEADSUN - Anshan Leadsun Electronics Co., Ltd

2CL2FL Datasheet(HTML) 1 Page - Anshan Leadsun Electronics Co., Ltd

  2CL2FL Datasheet HTML 1Page - Anshan Leadsun Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Leadsun Electronics
High Voltage Diode
Revised: 18-01-19 this document is subject to change without prior notice.
Sales and service: leadsun@hv-semi.com
sureshang@hotmail.com
Sales hotline: 86-412-2666636
1
2CL2FL
2CL2FL High Voltage Diode
FEATURES
Low leakage,high surge capability
High voltage,fast recovery rectifier
Tj:-40℃~+150℃
Polyimide passivation technology
Epoxy resin molding,compact encapsulation
ROHS compliant
DEVICE ELECTRICAL CHARACTERISTICS
(25℃ ambient temperature unless stated otherwise)
CONDITIONS
SYMBOL
2CL2FL
Repetitive Peak Reverse Voltage
VRRM
15KV
Average Forward Current
Current
IAV
100mA
Non-Repetitive Peak Forward Current
Ta=25℃,rated load,half cycle,
single phase,50Hz
IFSM
10A
Allowable Junction Temperature
half cycle sinewave peak voltage
Tj
120℃
Allowable Operating Case Temperature
Tc
100℃
Storage Temperature Range
Tstg
-40~120℃
Maximum Forward Voltage Drop
IF=10mA
VF
26.0V
Maximum Reverse Recovery Time
IF=2mA IR=4mA
trr
0.1μS
Maximum Reverse Current
Current
VR=VRRM ,25 ℃
IR1
2.0μA
Maximum Reverse Current
Current
VR=VRRM ,100 ℃
IR2
50μA
SYMBOL
2CL2FL
Unit:mm)
A
15.0
D
Φ
4.3
B
24
C
Φ
1.0


Similar Part No. - 2CL2FL

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL2FL EDI-2CL2FL Datasheet
40Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL2FL GETEDZ-2CL2FL Datasheet
63Kb / 1P
15kV 100mA HIGH VOLTAGE DIODE
2CL2FL GETEDZ-2CL2FL Datasheet
515Kb / 2P
High Voltage Silicon Rectifier Diode
logo
New Jersey Semi-Conduct...
2CL2FL NJSEMI-2CL2FL Datasheet
51Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
DONGGUAN YOU FENG WEI E...
2CL2FL YFWDIODE-2CL2FL Datasheet
375Kb / 2P
Fast recovery high voltage diodes
More results

Similar Description - 2CL2FL

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESJA28 FUJI-ESJA28 Datasheet
23Kb / 2P
HIGH VOLTAGE DIODE
logo
Anshan Leadsun Electron...
2CL70 LEADSUN-2CL70 Datasheet
333Kb / 1P
High Voltage Diode
SP5LG LEADSUN-SP5LG Datasheet
314Kb / 1P
High Voltage Diode
SPF03-20 LEADSUN-SPF03-20 Datasheet
314Kb / 1P
High Voltage Diode
SPF05-15 LEADSUN-SPF05-15 Datasheet
314Kb / 1P
High Voltage Diode
SPF10-10 LEADSUN-SPF10-10 Datasheet
314Kb / 1P
High Voltage Diode
SPF10-20 LEADSUN-SPF10-20 Datasheet
314Kb / 1P
High Voltage Diode
2CL105 LEADSUN-2CL105 Datasheet
296Kb / 1P
High Voltage Diode
HVD37-08F LEADSUN-HVD37-08F Datasheet
298Kb / 1P
High Voltage Diode
HVRT250 LEADSUN-HVRT250 Datasheet
287Kb / 1P
High Voltage Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com