Electronic Components Datasheet Search
  English  ▼

X  

MS6310 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MS6310
Description  Stereo Audio DAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS6310 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MS6310 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS6310 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS6310 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS6310 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS6310 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS6310 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOSA ELECTRONICS
MS6311 / 6310
Stereo Audio DAC
- 3 -
www.mosanalog.com.tw
ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=5V)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Positive Supply Voltage
3
5
5.5
V
I DD
Operating Current
at code 0000H
-
3.4
6.0
mA
DIGITAL INPUTS (WS, BCK, DATA)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
l I IL l
Input Leakage Current LOW
VI = 0.8V
-
-
10
µA
l I IH l
Input Leakage Current HIGH
VI = 2.4V
-
-
10
µA
f BCK
Input Clock Frequency
-
-
18.4
MHz
BR
Bit Rate Data Input (Pin 3)
-
-
18.4
Mbits/s
fWS
Word Select Input (Pin 2)
-
-
384
kHz
t r
Rise Time
-
-
12
ns
t f
Fall Time
-
-
12
ns
t Cr
Bit Clock Cycle Time
54
-
-
ns
t HB
Bit Clock High Time
15
-
-
ns
t LB
Bit Clock Low Time
15
-
-
ns
t SD
Data Set-up Time
12
-
-
ns
t HD
Data Hold Time to Bit Clock
2
-
-
ns
t HW
Word Select Hold Time
2
-
-
ns
t SW
Word Select Set-up Time
12
-
-
ns
ANALOG OUTPUTS (VOL,VOR)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Res
Resolution
-
-
16
bits
note 1
1.8
2.0
2.2
VFS
Full Scale Output Voltage
MS6310
2.2
2.46
2.7
V
TCFS
Full Scale Temperature Coefficient
at Analog Outputs ; VOL, VOR
-
±400
-
10
-16
VDC
Output Bias
-
2.5
-
V
THD
Total Harmonic Distortion
including noise
-
-68
-63
dB
at 0 dB; note 2
-
0.04
0.07
﹪
THD
Total Harmonic Distortion
including noise
-
-30
-24
dB
at -60 dB; note 2
-
3
6
﹪
CS
Channel Separation
75
80
-
dB
l d I O l Unbalance Between Outputs
note 2
-
0.2
0.3
dB
l
t d l
Time Delay Between Outputs
-
±0.2
-
µs
S/N
Signal-to-Noise Ratio
a-weighted at code
0000H
86
92
-
dB
Note : 1.The full scale output voltage can be mask optioned as 2.5V, 3V, 3.5V and 4V.
2.Measured with 1kHz sinewave generated at sampling rate of 192 kHz.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com