Electronic Components Datasheet Search
  English  ▼

X  

MSK611 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK611
Description  ULTRA HIGH SLEW RATE HIGH VOLTAGE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK611 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK611 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK611 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK611 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK611 Datasheet HTML 4Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
Low Quiescent Current - ±25mA for High Voltage Stage
110V Peak to Peak Output Voltage Swing
Slew Rate - 6000V/µS Typical @ 100Vpp
Small Signal Rise Time - 6nS Typical
Power Output Frequency - 7 MHz Typical
Output Current - 150mA Peak
Adjustable VHV Power Supply Minimizes Power Dissipation
Compact Package Offers Superior Power Dissipation
611
+VHV
+VSC
OUTPUT
CASE/GROUND
-VSC
-VCC
1
2
3
4
5
6
12
11
10
9
8
7
COMP
+VCC
GROUND
N/C
-INPUT
N/C
Wideband High Voltage Amplifier
High Resolution CRT Monitor
Ultra High Performance Video Processing
CRT Beam Intensity Control
Varactor Tuned VCO Driver
Automatic Test Equipment
PIN-OUT INFORMATION
TYPICAL APPLICATIONS
The MSK 611 is a high voltage ultra high slew rate amplifier designed to provide large voltage swings in wideband
systems. The true inverting op-amp topology employed in the MSK 611 provides excellent D.C. specifications such
as input offset voltage and input bias current. These attributes are important in amplifiers that will be used in high
gain configurations since the input error voltages will be multiplied by the system gain. The MSK 611 achieves
impressive slew rate specifications by employing a feed forward A.C. path through the amplifier, however, the device
is internally configured in inverting mode to utilize this benefit. Internal compensation for gains of -5V/V or greater
keeps the MSK 611 stable in this range. The MSK 611 is packaged in a space efficient, hermetically sealed, 12 pin
power dual in line package that has a high thermal conductivity for efficient device cooling.
DESCRIPTION:
EQUIVALENT SCHEMATIC
MIL-PRF-38534 QUALIFIED
ISO 9001 CERTIFIED BY DSCC
ULTRA HIGH SLEW RATE
HIGH VOLTAGE AMPLIFIER
Rev. B 8/00
1


Similar Part No. - MSK611

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK611 MSK-MSK611 Datasheet
207Kb / 4P
Low Quiescent Current - 짹25mA for High Voltage Stage
MSK611 MSK-MSK611_15 Datasheet
207Kb / 4P
Low Quiescent Current - 짹25mA for High Voltage Stage
More results

Similar Description - MSK611

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2136 NJRC-NJM2136 Datasheet
168Kb / 3P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
High Slew Rate Operational Amplifier
September 1998
logo
M.S. Kennedy Corporatio...
MSK707H MSK-MSK707H Datasheet
320Kb / 6P
ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
MSK739B MSK-MSK739B Datasheet
300Kb / 6P
ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
High Slew Rate Operational Amplifier
January 3, 2006
logo
Unisonic Technologies
M2136 UTC-M2136_11 Datasheet
166Kb / 4P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com