Electronic Components Datasheet Search
  English  ▼

X  

354513 Datasheet(PDF) 2 Page - Lumberg

Part # 354513
Description  RAST 2.5 connectors, pitch 2.5/5.0 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

354513 Datasheet(HTML) 2 Page - Lumberg

  354513 Datasheet HTML 1Page - Lumberg 354513 Datasheet HTML 2Page - Lumberg 354513 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
35 3545
01/2018
2
*a
blue color marking on 3545 (M...)S01
*b
terminated connector
*c
keying
*d
space for customer-specific color marking
Environmental conditions
Temperature range
-40 °C/+130 °C 1
1
upper limit temperature (insulating body) RTI (electrical) of the UL Yellow Card
Materials
Insulating body
PA GF, V-0 according to UL94 1
Contact pin
CuSn, tin-plated
1
component glow wire resistant acc. to IEC 60695-2-11 and IEC 60335-1 respectively (GWT 750 °C
without flame)
Mechanical data
Keying proposals
at www.lumberg.com �
at www.lumberg.com �
Connectable conductors for IDT area
Construction
discrete conductor, notched flat
cable 2.5 mm
Section min.
0,22 mm²
Section max.
0,50 mm²
Insulation diameter
≤ 1,65 mm
Approved cables
at www.lumberg.com �
at www.lumberg.com �
Electrical data (at Tamb 20 °C)
Rated current
4 A (TU 60 °C)
2 A (TU 100 °C)
Rated voltage
32 V AC
Material group
IIIa (IEC)/2 (UL) (CTI ≥ 250)
Creepage distance
≥ 0,53 mm
Clearance
≥ 0,53 mm
Insulation resistance
> 1 GΩ
Associated products
Counterparts
�
3521
�
3521-2
�
352100
Harnessing equipment
�
HA3...e
�
HA354e-ST
�
HZ354
�
KHP3545/46-SW
�
VARICON 7000-RD
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com