Electronic Components Datasheet Search
  English  ▼

X  

MSK2541B Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK2541B
Description  DUAL HIGH POWER OP-AMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK2541B Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK2541B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK2541B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK2541B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK2541B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK2541B Datasheet HTML 5Page - M.S. Kennedy Corporation MSK2541B Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
MIL-PRF-38534 CERTIFIED
Servo Amplifer
Motor Driver
Audio Amplifier
Programmable Power Supply
Bridge Amplifier
FEATURES:
Available as SMD #5962-9083801 HX
High Output Current - 10 Amps Peak
Wide Power Supply Range - ±10V to ±40V
On Board Current Limit
FET Input
Isolated Case
Second Source for OMA 2541SKB
DESCRIPTION:
The MSK 2541 is a high power dual monolithic amplifier ideally suited for high power amplification and magnetic
deflection applications. This amplifier is capable of operation at a supply voltage rating of 80 volts and can deliver
guaranteed continuous output currents up to 5A per amplifier. The MSK 2541 has internal current limit circuitry to
protect the amplifier and load from transients. The MSK 2541 is available in a hermetically sealed 8 pin TO3 package
that is isolated from internal circuitry. This allows for convenient bolt down heat sinking when necessary.
TYPICAL APPLICATIONS
1 Output B
8
Inverting Input B
2 Positive Power Supply
7
Non-Inverting Input B
3 Non-Inverting Input A
6
Negative Power Supply
4 Inverting Input A
5
Output A
1
2541
PIN-OUT INFORMATION
Rev. B 8/00
ISO 9001 CERTIFIED BY DSCC
EQUIVALENT SCHEMATIC
DUAL HIGH POWER
OP-AMP
M.S. KENNEDY CORP


Similar Part No. - MSK2541B

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK2541B ANAREN-MSK2541B Datasheet
453Kb / 7P
DUAL HIGH POWER OP-AMP
More results

Similar Description - MSK2541B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD827 AD-AD827 Datasheet
336Kb / 8P
High Speed, Low Power Dual Op Amp
REV.B
logo
AUK corp
S358P AUK-S358P Datasheet
217Kb / 3P
Low Power Dual OP AMP
S358 AUK-S358_1 Datasheet
212Kb / 4P
Low Power Dual OP AMP
S358P AUK-S358P_1 Datasheet
213Kb / 4P
Low Power Dual OP AMP
logo
Analog Devices
AD827 AD-AD827_02 Datasheet
214Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD827JNZ AD-AD827JNZ Datasheet
228Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD827JR-16 AD-AD827JR-16 Datasheet
228Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_15 Datasheet
228Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_17 Datasheet
247Kb / 13P
High Speed, Low Power Dual Op Amp
29-Nov-2017
logo
Anaren Microwave
MSK2541 ANAREN-MSK2541 Datasheet
453Kb / 7P
DUAL HIGH POWER OP-AMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com